Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX240 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74LCX240
Description  Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX240 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCX240_06 Datasheet HTML 1Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 2Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 3Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 4Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 5Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 6Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74LCX240
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +7.0
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
Note 1
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3−State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current, VCC = 3.0 V − 3.6 V
−24
mA
IOL
LOW Level Output Current, VCC = 3.0 V − 3.6 V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7 V − 3.0 V
−12
mA
IOL
LOW Level Output Current, VCC = 2.7 V − 3.0 V
12
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V,
VCC = 3.0 V
0
10
ns/V
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX240DT
TSSOP−20*
75 Units / Rail
MC74LCX240DTR2
TSSOP−20*
2000 Tape & Reel
MC74LCX240DTR2G
TSSOP−20*
2000 Tape & Reel
MC74LCX240DWR2
SOIC−20
1000 Tape & Reel
MC74LCX240DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
2.7 V
≤ VCC ≤ 3.6 V
2.0
V
VIL
LOW Level Input Voltage (Note 2)
2.7 V
≤ VCC ≤ 3.6 V
0.8
V
VOH
HIGH Level Output Voltage
2.7 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
2. These values of VI are used to test DC electrical characteristics only.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn