Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX240 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74LCX240
Description  Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX240 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX240_06 Datasheet HTML 1Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 2Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 3Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 4Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 5Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 6Page - ON Semiconductor MC74LCX240_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74LCX240
http://onsemi.com
5
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
VOH
VOL
1Dn, 2Dn
1On, 2On
tPLH
tPHL
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
2.7 V
0 V
≈ 0 V
1OE, 2OE
1On, 2On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
1On, 2On
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 3. Waveforms
1.5 V
VCC
VOH − 0.3 V
VOL + 0.3 V
GND
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V
Open Collector/Drain tPLH and tPHL
6V
tPZH, tPHZ
GND
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500W or equivalent
RT = ZOUT of pulse generator (typically 50W)
Figure 4. Test Circuit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn