Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX125 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74LCX125
Description  Low-Voltage CMOS Quad Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX125 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX125_05 Datasheet HTML 1Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 2Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 3Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 4Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 5Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 6Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 7Page - ON Semiconductor MC74LCX125_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX125
http://onsemi.com
5
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
Dn
On
tPHL
tPLH
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
≈ 0 V
OEn
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
Vmi
Vmi
Vmo
Vmo
Figure 3. AC Waveforms
VCC
VOH − 0.3 V
VOL + 0.3 V
GND
Symbol
VCC
3.3 V
± 0.3 V
2.7 V
2.5 V
± 0.2 V
Vmi
1.5 V
1.5 V
VCC/2
Vmo
1.5 V
1.5 V
VCC/2
Vmi
Vmi
Vmo
Vmo
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50 pF at VCC = 3.3 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn