Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX74 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74LCX74
Description  Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V−Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX74 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LCX74_05 Datasheet HTML 1Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 2Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 3Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 4Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 5Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 6Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 7Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LCX74
http://onsemi.com
6
WAVEFORM 4 − PULSE WIDTH
tR = tF = 2.5 ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8 V, VOH ≥ 2.0 V
Vcc
0 V
Vcc
0 V
Vmi
Vmi
tw
Vmi
Vmi
tw
CPn
SDn, CDn, CPn
trec
WAVEFORM 3 − RECOVERY TIME
tR = tF = 2.5 ns from 10% to 90%; f = 1 MHz; tw = 500 ns
Vcc
0 V
Vcc
0 V
Vmi
Vmi
SDn, CDn
CPn
tw
Vcc
Symbol
3.3 V + 0.3 V
2.7 V
2.5 V + 0.2 V
Vmi
1.5 V
1.5 V
Vcc/2
Vmo
1.5 V
1.5 V
Vcc/2
Figure 3. AC Waveforms (Continued)
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50 pF at VCC = 3.3 + 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 + 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn