Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX74 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC74LCX74
Description  Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V−Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX74 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX74_05 Datasheet HTML 1Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 2Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 3Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 4Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 5Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 6Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 7Page - ON Semiconductor MC74LCX74_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX74
http://onsemi.com
5
DYNAMIC SWITCHING CHARACTERISTICS
TA = +25°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage
(Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
V
VOLV
Dynamic LOW Valley Voltage
(Note 4)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
V
4. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
8
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
Figure 3. AC Waveforms
WAVEFORM 2 − PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Vcc
0 V
SDn
CDn
1.5 V
On
Vcc
0 V
VOH
Vmo
On
VOL
Vmo
Vmo
Vmo
tPLH
tPHL
tPHL
tPLH
WAVEFORM 1 − PROPAGATION DELAYS, SETUP AND HOLD TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Vcc
0 V
Dn
CPn
Vmi
On,
On
Vcc
0 V
VOH
VOL
tPLH, tPHL
th
ts
Vmi
Vmo
fmax
tw


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn