Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX02 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74LCX02
Description  Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V−Tolerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX02 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX02_05 Datasheet HTML 1Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 2Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 3Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 4Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 5Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 6Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 7Page - ON Semiconductor MC74LCX02_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 5
Publication Order Number:
MC74LCX02/D
1
MC74LCX02
Low−Voltage CMOS Quad
2−Input NOR Gate
With 5 V−Tolerant Inputs
The MC74LCX02 is a high performance, quad 2−input NOR gate
operating from a 2.3 to 3.6 V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5 V allows MC74LCX02 inputs to be safely driven
from 5 V devices.
Current drive capability is 24 mA at the outputs.
Features
Designed for 2.3 V to 3.6 V V
CC Operation
5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
MARKING
DIAGRAMS
1
14
LCX
02
ALYW
74LCX02
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
14
1
14
1
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
LCX02
AWLYWW
1
14
http://onsemi.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn