Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK856-800A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK856-800A
Description  Insulated Gate Bipolar Transistor IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK856-800A Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK856-800A Datasheet HTML 1Page - NXP Semiconductors BUK856-800A Datasheet HTML 2Page - NXP Semiconductors BUK856-800A Datasheet HTML 3Page - NXP Semiconductors BUK856-800A Datasheet HTML 4Page - NXP Semiconductors BUK856-800A Datasheet HTML 5Page - NXP Semiconductors BUK856-800A Datasheet HTML 6Page - NXP Semiconductors BUK856-800A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product Specification
Insulated Gate Bipolar Transistor (IGBT)
BUK856-800A
Fig.7. Typical transconductance, T
j = 25 ˚C.
g
fe = f(IC); conditions: VCE = 15 V
Fig.8. Typical turn-on gate-charge characteristics.
V
GE = f(QG); conditions: IC = 12 A; parameter VCE
Fig.9. Typical Switching Times vs. T
j
conditions: I
C = 12 A; VCL = 500 V; RG = 25 Ω
Fig.10. Typical capacitances, C
ies, Coes, Cres.
C = f(V
CE); conditions: VGE = 0 V; f = 1MHz.
Fig.11. Typical turn-off dV
CE/dt vs. RG
conditions: I
C = 12 A; VCL = 500 V; Tj = 125 ˚C
Fig.12. Typical Switching losses vs. T
j
conditions: I
C = 12 A; VCL = 500 V; RG = 25 Ω
0
20
40
IC / A
gfe / S
BUK8Y6-800A
15
10
5
0
10
30
50
0
20
40
VDS / V
C / pF
Cies
Coes
Cres
10
100
1000
10000
10
30
BUK8Y6-800A
0
20
40
60
QG / nC
VGE / V
BUK8Y6-800A
16
14
12
10
8
6
4
2
0
10
30
50
1
100
Rg / Ohm
dVCE/dt (V/ns)
BUK8Y6-800A
15
10
5
0
10
1000
0
20
40
60
80
100
120
140
Tj / C
t / ns
BUK8Y6-800A
600
500
400
300
200
100
0
td(off)
tf
0
20
40
60
80
100
120
140
Tj / C
E / mJ
BUK8Y6-800A
1.5
1
0.5
0
E(on)
E(off)
March 1993
4
Rev 1.000


Similar Part No. - BUK856-800A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
More results

Similar Description - BUK856-800A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTG50N60FWG ONSEMI-NGTG50N60FWG Datasheet
176Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB30N60FWG ONSEMI-NGTB30N60FWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
NGTB50N60FLWG ONSEMI-NGTB50N60FLWG Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
NGTG30N60FWG ONSEMI-NGTG30N60FWG Datasheet
175Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com