Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC589A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74HC589A
Description  8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High−Performance Silicon−Gate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC589A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC589A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC589A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC74HC589A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
(Referenced to GND)
*0.5 to )7.0
V
Vin
DC Input Voltage
(Referenced to GND)
*0.5 v VCC )0.5
V
Vout
DC Output Voltage
(Referenced to GND)
*0.5 v VCC )0.5
V
Iin
DC Input Current, per Pin
$20
mA
Iout
DC Output Current, per Pin
$35
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
IGND
DC Ground Current per Ground Pin
$75
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
)150
_C
qJA
Thermal Resistance
PDIP
SOIC
TSSOP
78
112
148
_C/W
PD
Power Dissipation in Still Air at 85
_C
PDIP
SOIC
TSSOP
750
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
u4000
u200
u1000
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 4)
$300
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.
5. For high frequency or heavy load considerations, see the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
(Referenced to GND)
2.0
6.0
V
Vin,
Vout
DC Input Voltage, Output Voltage
(Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
*55
)125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
VCC = 3.0 V
(Figure 3)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
800
500
400
ns
6. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn