Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC541A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC541A
Description  Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC541A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC541A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC541A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74HC541A
http://onsemi.com
5
Figure 3. Switching Waveform
VCC
GND
INPUT A
OUTPUT Y
tPLH
OE1 or OE2
50%
VCC
GND
OUTPUT Y
tPZL
OUTPUT Y
tPZH
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
10%
90%
tPLZ
tPHZ
50%
50%
tPHL
90%
50%
10%
tr
tTLH
tf
tTHL
Figure 4. Switching Waveform
90%
50%
10%
50%
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5. Test Circuit
Figure 6. Test Circuit
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ and tPZH.


Similar Part No. - MC74HC541A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC541ADTG ONSEMI-MC74HC541ADTG Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
MC74HC541ADTR2G ONSEMI-MC74HC541ADTR2G Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
MC74HC541ADW ONSEMI-MC74HC541ADW Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
MC74HC541ADWG ONSEMI-MC74HC541ADWG Datasheet
117Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 9
MC74HC541ADWR2 ONSEMI-MC74HC541ADWR2 Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
More results

Similar Description - MC74HC541A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HCT244A ONSEMI-MC74HCT244A_06 Datasheet
113Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
December, 2006 ??Rev. 11
logo
Integral Corp.
IN74AC244 INTEGRAL-IN74AC244 Datasheet
159Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
IN74AC241 INTEGRAL-IN74AC241 Datasheet
167Kb / 4P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT241 KODENSHI-KK74ACT241 Datasheet
294Kb / 5P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com