Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC373A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC373A
Description  Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC373A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC373A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC373A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74HC373A
http://onsemi.com
5
TIMING REQUIREMENTS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
VCC
Volts
Guaranteed Limit
Unit
– 55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Input D to Latch Enable
4
2.0
3.0
4.5
6.0
25
20
5.0
5.0
30
25
6.0
6.0
40
30
8.0
7.0
ns
th
Minimum Hold Time, Latch Enable to Input D
4
2.0
3.0
4.5
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5 0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Latch Enable
2
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
1
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT D
Q
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
VCC
GND
50%
LATCH ENABLE
tPLH
tPHL
Q
tw
50%
Figure 1.
Figure 2.
Figure 3.
Figure 4.
50%
50%
1.3 V
Q
tPZL
tPLZ
tPZH
tPHZ
10%
90%
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Q
OUTPUT
ENABLE
50%
INPUT D
LATCH ENABLE
VCC
VCC
GND
GND
VALID
th
tsu
50%


Similar Part No. - MC74HC373A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC373ADT ONSEMI-MC74HC373ADT Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
MC74HC373ADTG ONSEMI-MC74HC373ADTG Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
MC74HC373ADTR2 ONSEMI-MC74HC373ADTR2 Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
MC74HC373ADTR2G ONSEMI-MC74HC373ADTR2G Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
MC74HC373ADW ONSEMI-MC74HC373ADW Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
More results

Similar Description - MC74HC373A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
MC74HC245A ONSEMI-MC74HC245A_06 Datasheet
115Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 12
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com