Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA143T
Description  DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA143T Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA143T Datasheet HTML 1Page - Unisonic Technologies DTA143T Datasheet HTML 2Page - Unisonic Technologies DTA143T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA143T
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-058,D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C , unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
SOT-523
150
mW
Collector Power Dissipation
SOT-23/SOT-323
PC
200
mW
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55~+150
Note
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-base breakdown voltage
BVCBO
IC=-50μA
-50
V
Collector-emitter breakdown voltage
BVCEO
IC=-1mA
-50
V
Emitter-base breakdown voltage
BVEBO
IE=-50μA
-5
V
Collector cutoff current
ICBO
VCB=-50V
-0.5
μA
Emitter cutoff current
IEBO
VEB=-4V
-0.5
μA
Collector-emitter saturation voltage
VCE(SAT) IC=-5mA, IB= -0.25mA
-0.3
V
DC Current Gain
hFE
VCE=-5V, IC= -1mA
100
250
600
Input resistance
R1
3.29
4.7
6.11
Transition frequency
fT
VCE=-10V, IE=5mA, f=100MHz *
250
MHz
* Transition frequency of the device


Similar Part No. - DTA143T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143T ONSEMI-DTA143T Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA143T ROHM-DTA143T Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTA143T UTC-DTA143T Datasheet
149Kb / 3P
   DIGITAL TRANSISTORS
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
516Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA143T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA123E UTC-DTA123E Datasheet
191Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB114E UTC-DTB114E Datasheet
100Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com