Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR5025 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5025
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5025 Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5025 Datasheet HTML 1Page - Unisonic Technologies UR5025 Datasheet HTML 2Page - Unisonic Technologies UR5025 Datasheet HTML 3Page - Unisonic Technologies UR5025 Datasheet HTML 4Page - Unisonic Technologies UR5025 Datasheet HTML 5Page - Unisonic Technologies UR5025 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTCUR5025
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R102-019,C
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
18
V
Power dissipation
PD
1000*
mV
Operating temperature range
Topr
-40 ~ +85
°C
Storage temperature range
Tstg
-55 ~ +150
°C
Junction temperature
Tj
150
°C
* PD derated at 8mW/℃ for temperatures above Ta=25℃
OPERATING RATINGS(Ta=25℃)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
Vcc
4.0
16.0
V
5.0V Output current
Io1
1
A
2.5V Output current
Io2
1
A
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Ta=25℃, VCC=6V unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bias Current
IB
Io1=0mA, Io2=0mA
0.8
1.5
mA
5.0V Output
Output Voltage 1
Vo1
Io1=500mA
4.9
5.0
5.1
V
Dropout Voltage 1
VD1
Io1=500mA
0.25
0.5
V
Peak Output Current 1
Io1
1.0
1.7
A
Ripple Rejection 1
R.R.1
f=120Hz, ein=1Vrms
Io1=200mA
50
58
dB
Line Regulation 1
VLINE1
Vcc=6V ~ 16V, Io1=500mA
5
30
mV
Load Regulation 1
VLOAD1 Io1=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 1*
TCVO1
Io1=5mA, TJ=0 ~ 125℃
±
0.01
%/℃
Short circuit Output Current 1
IOS1
Vcc=16V
270
mA
2.5V Output
Output Voltage 2
Vo2
Io2=500mA
2.450
2.50
2.550
V
Peak Output Current 2
Io2
1.0
1.7
A
Ripple Rejection 2
R.R.2
f=120Hz, ein=1Vrms
Io2=200mA
50
58
dB
Line Regulation 2
VLINE2
Vcc=6V ~ 16V, Io1=500mA
5
30
mV
Load Regulation 2
VLOAD2 Io2=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 2*
TCVO2
Io2=5mA, TJ=0 ~ 125℃
±
0.01
%/℃
Short circuit Output Current 2
IOS2
Vcc=16V
270
mA
* Design Guarantee. (Outgoing inspection is not done on all products.)
This product is not designed for protection against radioactive rays.
Note: All characteristic are measured with a capacity across the input (0.33μF) and the output (22μF).
Measurement is done at TA≒TJ, and variations in the parameter of all measurement (except for Temperature
Coefficient of Output Voltage)caused by temperature change are not considered.


Similar Part No. - UR5025

ManufacturerPart #DatasheetDescription
logo
celduc-relais
UR502000 CELDUC-UR502000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
More results

Similar Description - UR5025

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR13325 ETL-UR13325 Datasheet
180Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR5033 UTC-UR5033 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR10033 UTC-UR10033_15 Datasheet
222Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 UTC-UR13325 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR15033 UTC-UR15033 Datasheet
210Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR10033 ETL-UR10033 Datasheet
107Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR10033 UTC-UR10033 Datasheet
113Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3325 UTC-UR3325_08 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com