Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UK2996L-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UK2996L-TA3-T
Description  600V SILICON N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK2996L-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UK2996L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UK2996L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UK2996L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UK2996L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UK2996L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UK2996L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UK2996
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-063 ,A
TEST CIRCUIT AND WAVE FORM
Time
VDD
IAR
BVDSS
VDD
ID (t)
tP
VDS (t)
DUT
RG
tP
-15V
+15V
ID
LL
VDS


Similar Part No. - UK2996L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK2996L-TA3-T UTC-UK2996L-TA3-T Datasheet
271Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
More results

Similar Description - UK2996L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK2996 UTC-UK2996_11 Datasheet
271Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
logo
Chip Integration Techno...
MHF20N60CT CITC-MHF20N60CT Datasheet
2Mb / 8P
   600V Silicon N-Channel Power MOSFET
MH07N60CT CITC-MH07N60CT Datasheet
1Mb / 8P
   600V Silicon N-Channel Power MOSFET
MHF07N60CT CITC-MHF07N60CT Datasheet
4Mb / 8P
   600V Silicon N-Channel Power MOSFET
MHF10N60CT CITC-MHF10N60CT Datasheet
2Mb / 8P
   600V Silicon N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com