Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2050 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA2050
Description  32W HI-FI AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2050 Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA2050 Datasheet HTML 1Page - Unisonic Technologies TDA2050 Datasheet HTML 2Page - Unisonic Technologies TDA2050 Datasheet HTML 3Page - Unisonic Technologies TDA2050 Datasheet HTML 4Page - Unisonic Technologies TDA2050 Datasheet HTML 5Page - Unisonic Technologies TDA2050 Datasheet HTML 6Page - Unisonic Technologies TDA2050 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TDA2050
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R107-036,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VS
±25
V
Input Voltage
VIN
VS
Differential Input Voltage
VIN(DIFF)
±15
Output Peak Current (internally limited)
IOUT
5
Power Dissipation TC= 75℃
PD
25
W
Junction Temperature
TJ
+125
Storage Temperature
TSTG
-40 ~ +150
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –40℃~85℃.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance junction-case
θJC
3
/W
ELECTRICAL CHARACTERISTICS
(Refer to the Test Circuit, VS = ±18V, Ta = 25, f = 1 kHz, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VS
±4.5
±25
V
Quiescent Drain Current
ID
VS = ±4.5V
VS = ±25V
18
21
50
90
mA
Input Bias Current
IB
VS = ±22V
0.4
0.5
µA
Input Offset Voltage
VIN(OS)
VS = ±22V
±15
mV
Input Offset Current
IIN(OS)
VS = ±22V
±200
nA
D = 0.5%
RL = 4Ω
RL = 8Ω
RL = 8Ω, VS = ±22V
24
22
27
18
25
RMS Output Power
D = 10%
RL = 4Ω
RL = 8Ω
RL = 8Ω, VS = ±22V
35
22
32
Music Power IEC268.3 RULES
PO
D = 10%, T = 1s, VS = ±22.5V, RL = 4Ω
50
W
RL = 4Ω
f = 1kHz, PO = 0.1 ~ 24W
f = 100Hz ~ 10kHz, PO = 0.1 ~ 18W
0.03
0.5
0.5
Total Harmonic Distortion
THD
RL = 8Ω, VS = ±22V
f = 1kHz, PO = 0.1 ~ 20W
f = 100Hz ~ 10kHz, PO = 0.1 ~ 15W
0.02
0.5
%
Slew Rate
SR
5
8
V/µs
Open Loop Voltage Gain
GV
80
dB
Closed Loop Voltage Gain
GV
30
30.5
31
dB
Power Bandwidth (-3dB)
BW
RL = 4Ω, VIN= 200mV
20 ~ 80000
Hz
Total Input Noise
eN
Curve A
B = 22Hz ~ 22kHz
4
5
10
µV
Input Resistance (pin 1)
RIN
500
kΩ
Supply Voltage Rejection
SVR
RS = 22KΩ, f =100Hz, VRIPPLE =0.5Vrms
45
dB
PO = 28W, RL = 4Ω
65
Efficiency
η
PO = 25W, RL = 8Ω, VS = ±22V
67
%


Similar Part No. - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
logo
Unisonic Technologies
TDA2050G-TA5-T UTC-TDA2050G-TA5-T Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results

Similar Description - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
   22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
   20W Hi-Fi AUDIO POWER AMPLIFIER
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com