Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL3522AMC Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # SL3522AMC
Description  500MHz 75dB Logarithmic/Limiting Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522AMC Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SL3522AMC Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 9Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 10Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 11Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 12Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 13Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 14Page - Zarlink Semiconductor Inc SL3522AMC Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
SL3522
Fig.14 Video log error, (referenced to single straight line measured at 325MHz, 25
°C, 5.0V PSUs), across supply voltage
Fig.15 Video log error, (referenced to single straight line measured at 325MHz, 25
°C,
7
6
5
4
3
2
1
0
–1
–2
–3
–10
RF input power (dBm)
–70
–60
–50
–40
–30
–20
0
10
4.5V
5.0V
5.5V
–10
RF input power (dBm)
–70
–60
–50
–40
–30
–20
010
6
5
4
3
2
1
0
–1
–2
–3
–4
500MHz
325MHz
100MHz


Similar Part No. - SL3522AMC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL3522AMC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com