Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R25LD10-TF4-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # R25LD10-TF4-T
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R25LD10-TF4-T Datasheet(HTML) 4 Page - Unisonic Technologies

  R25LD10-TF4-T Datasheet HTML 1Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 2Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 3Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 4Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 5Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 6Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 7Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 8Page - Unisonic Technologies R25LD10-TF4-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R102-025,B
TEST CIRCUIT
TO-220F-4 Package:
2
4
1
3
A
A
A
V
Vc
Ic
IoUT
VOUT
RL
IQ
+
VIN
47μF
330nF
+
-
Fig.1
TO-252-5 Package:
2
5
1
3
A
A
A
V
Vc
Ic
IoUT
VOUT
RL
IQ
+
VIN
47μF
330nF
+
-
Fig.2
TO-220F-4 Package:
4
V
Vc
2.7V
IOUT
VO
RL
+
VIN
47μF
330nF
+
1
3
2
~
ei
f = 120Hz (sine wave), ei (rms) = 0.5V, VIN = VO(TYP)+2V, IOUT = 0.5A, RR = 20log (ei (rms) /VO(rms)
)
+
-
Fig.3
For Ripple Rejection
TO-252-5 Package:
5
V
Vc
2.7V
IOUT
VO
RL
+
VIN
47μF
330nF
+
1
3
2
~
ei
f = 120Hz (sine wave), ei (rms) = 0.5V, VIN = VO(TYP)+2V, IOUT = 0.5A, RR = 20log (ei (rms) /VO(rms)
)
+
-
Fig.4 For Ripple Rejection


Similar Part No. - R25LD10-TF4-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R25LD10 UTC-R25LD10 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-S08-R UTC-R25LD10G-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-TF-T UTC-R25LD10G-TF-T Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10G-TN5-R UTC-R25LD10G-TN5-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R25LD10L-S08-R UTC-R25LD10L-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R25LD10-TF4-T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com