Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16330B Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # PDSP16330B
Description  Pythagoras Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16330B Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  PDSP16330B Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16330B Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PDSP16330/A/B
5
Max.
25
24
PDSP16330A
Min.
12
2
12
0
12
2
5
50
15
15
24
Max.
25
24
25
25
25
25
180
120
Characteristic
Input data setup to clock rising edge
Input data Hold after clock rising edge
CEX, CEY Setup to clock rising edge
CEX, CEY Hold aher clock rising edge
FORM, S1:0 Setup to clock rising edge
FORM, S1:0 Hold after clock rising edge
Clock rising edge to valid data
*
Clock period
Clock high time
Clock low time
Latency
OEM, OEP low to data high data valid
OEM, OEP low to data low data valid
OEM, OEP high to data high impedance
OEM, OEP low to data high impedance
Vcc current (TTL input levels)
Vcc current (CMOS input levels)
SWITCHING CHARACTERISTICS
NOTES
1. LSTTL is equivalent to I
OH = 20µA, IOL = -0.4mA
2. Current is defined as negative into the device
3. CMOS input levels are defined as: V
IH = VDD - 0.5V, VIL = +0.5V
4. All parameters marked * are tested during production.
Parameters marked † are guaranteed by design and characterisation.
5. All timings are dependent on silicon speed. This speed is tested by measuring clock period.
This guarantees all other timings by characterisation and design.
Value
PDSP16330
Min.
15
2
30
0
15
7
5
100
25
25
24
Max.
40
24
30
30
30
30
110
70
PDSP16330B
Min.
12
2
12
0
12
2
5
40
15
15
24
25
25
25
25
225
150
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
cycles
ns
ns
ns
ns
mA
mA
Conditions
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
V
CC = Max
Outputs unloaded
Clock freq. = Max
V
CC = Max
Outputs unloaded
Clock freq. = Max
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V
cc
-0.5V to + 7.0V
Input voltage, V
IN
-0.5V to VCC + 0.5V
Output voltage, V
our
-0.5V to VCC + 0.5V
Clamp diode current per pin, I
K (see Note 2)
±18mA
Static discharge voltage (HMB), V
STAT
500V
Storage temperature. T
stg
-65
°C to + 150°C
Ambient temperature with
power applied T
amb:
Commercial
0
°C to + 70°C
Industrial
-40
°C to + 85°C
Military
-55
°C to + 125°C
Package power dissipation P
TOT
1200mW
Junction temperature
150
°C
THERMAL CHARACTERISTICS
Package Type
θJC°C/W
θJA°C/W
AC
12
36
GC
12
35
NOTES
1. Exceeding these ratings may cause permanent damage.
Functional operatlon under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded;
only one output to be tested at any one time.
3. Exposure to Absoulte Maximum Ratings for extended periods
may affect device reliability.


Similar Part No. - PDSP16330B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330B MITEL-PDSP16330B Datasheet
150Kb / 12P
   Pythagoras Processor
PDSP16330BBOAC MITEL-PDSP16330BBOAC Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330BCOAC MITEL-PDSP16330BCOAC Datasheet
173Kb / 9P
   Pythagoras Processor
More results

Similar Description - PDSP16330B

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16330MC ZARLINK-PDSP16330MC Datasheet
89Kb / 8P
   Pythagoras Processor
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330MC MITEL-PDSP16330MC Datasheet
123Kb / 10P
   Pythagoras Processor
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com