Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16112 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # PDSP16112
Description  Pythagoras Processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16112 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  PDSP16112 Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16112 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PDSP16330 MC
4
PIN FUNCTION
Pin No.
Function
Pin No.
Function
Pin No.
Function
GC
GC
GC
91
M7
23
YO
59
X1
92
M6
24
CEY
60
X2
93
M5
25
CLK
61
X3
94
M4
26
Vcc
62
X4
95
M3
31
GND
63
X5
96
M2
32
GND
64
X6
97
M1
33
GND
65
X7
98
M0
34
GND
66
X8
99
S0
35
GND
67
X9
100
S1
36
GND
68
X10
1
GND
37
GND
69
X11
6
Vcc
38
OEP
70
X12
7
FORM
39
P0
71
X13
8
Y15
40
P1
72
X14
9
Y14
41
P2
73
X15
10
Y13
42
P3
74
CLK
11
Y12
43
P4
75
OVR
12
Y11
44
P5
76
Vcc
13
Y10
45
P6
81
GND
14
Y9
46
P7
82
OEM
15
Y8
47
P8
83
M15
16
Y7
48
P9
84
M14
17
Y6
49
P10
85
M13
18
Y5
50
P11
86
M12
19
Y4
51
GND
87
M11
20
Y3
52
Vcc
88
M10
21
Y2
57
CEX
89
M9
22
Y1
58
X0
90
M8
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): T
amb
(Military) =-55
°C to + 125°C
V
cc
(Military) = 5.0V + 10%, GND = 0V
STATIC CHARACTERISTICS
Value
Characteristic
Symbol
Units
Conditions
Min.
Typ.
Max.
Output high voltage
V
OH
2.4
V
IOH = 3.2mA
Output low voltage
V
OL
0.6
V
lOL=-3.2mA
Input high voltage (CMOS)
V
IH
3.0
V
Inputs CEX, CEY and CLK only
Input low voltage (CMOS)
V
IL
1.0
V
Inputs CEX, CEY and CLK only
Input high voltage (TTL)
V
IH
2.2
V
All other inputs
Input low voltage (TTL)
V
IL
0.8
V
All other inputs
Input leakage current (Note 1 ) I
IL
-10
+ 120
µA
GND < V
IN<VCC
Input capacitance
C
IN
10
pF
Output leakage current
l
oz
-50
+ 50
µA
GND <V
IN < VCC
Output SC current
I
OS
-50
230
mA
V
cc = Max
NOTES
1. All inputs except clock inputs have high value pull-down resistors
2. All parameters marked * are tested during production. Parameters marked † are guaranteed by design and characterisation.
*
*
*
*
*
*
*
*
Sub-
group
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3


Similar Part No. - PDSP16112

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP16112 ZARLINK-PDSP16112 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP16112 ZARLINK-PDSP16112 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16112 ZARLINK-PDSP16112 Datasheet
91Kb / 7P
   Complex Accumulator
PDSP16112 ZARLINK-PDSP16112 Datasheet
98Kb / 7P
   Pythagoras Processor
More results

Similar Description - PDSP16112

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
173Kb / 9P
   Pythagoras Processor
logo
Zarlink Semiconductor I...
PDSP16330 ZARLINK-PDSP16330 Datasheet
98Kb / 7P
   Pythagoras Processor
logo
Mitel Networks Corporat...
PDSP16330MC MITEL-PDSP16330MC Datasheet
123Kb / 10P
   Pythagoras Processor
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com