Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16330A Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # PDSP16330A
Description  Pythagoras Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16330A Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  PDSP16330A Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16330A Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PDSP16330/A/B
6
0.5V
0.5V
0.5V
0.5V
VH
VL
1.5V
1.5V
Delay from ouput
low to output
high impedance
Delay from ouput
high impedance to
Output low
Delay from ouput
high to output
high impedance
Delay from ouput
high impedance to
Output high
NOTES
1. VH - Voltage reached when output driven high
2. VL - Voltage reached when output driven low
Test
Waveform - measurement level
DUT
100p
IOH
1.5V
IOL
Fig.3 Three state delay measurement load


Similar Part No. - PDSP16330A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330A MITEL-PDSP16330A Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330A MITEL-PDSP16330A Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Zarlink Semiconductor I...
PDSP16330A ZARLINK-PDSP16330A Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
logo
Mitel Networks Corporat...
PDSP16330AAOAC MITEL-PDSP16330AAOAC Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330ABOAC MITEL-PDSP16330ABOAC Datasheet
173Kb / 9P
   Pythagoras Processor
More results

Similar Description - PDSP16330A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16330MC ZARLINK-PDSP16330MC Datasheet
89Kb / 8P
   Pythagoras Processor
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330MC MITEL-PDSP16330MC Datasheet
123Kb / 10P
   Pythagoras Processor
DS3884 MITEL-DS3884 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com