Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74AC14 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74AC14
Description  Hex Inverter Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC14 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74AC14_06 Datasheet HTML 1Page - ON Semiconductor MC74AC14_06 Datasheet HTML 2Page - ON Semiconductor MC74AC14_06 Datasheet HTML 3Page - ON Semiconductor MC74AC14_06 Datasheet HTML 4Page - ON Semiconductor MC74AC14_06 Datasheet HTML 5Page - ON Semiconductor MC74AC14_06 Datasheet HTML 6Page - ON Semiconductor MC74AC14_06 Datasheet HTML 7Page - ON Semiconductor MC74AC14_06 Datasheet HTML 8Page - ON Semiconductor MC74AC14_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74AC14, MC74ACT14
http://onsemi.com
6
PACKAGE DIMENSIONS
PDIP−14
CASE 646−06
ISSUE P
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
−−−
10
−−−
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
−T−
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
CD54HC14_05High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
NC7S14TinyLogic HS Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
MM74HCT14_05Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
HCF40106B_04HEX SCHMITT TRIGGER 1 2 3 4 5 MoreSTMicroelectronics
74ACT04_01HEX INVERTER 1 2 3 4 5 MoreSTMicroelectronics
MC74AC04_06Hex Inverter 1 2 3 4 5 MoreON Semiconductor
IS609MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn