Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16256 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # PDSP16256
Description  16 by 16 Bit Complex Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16256 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button PDSP16256 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16256 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PDSP16116/A/MC
8
Pin No.
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
Pin No.
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Con.
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
0V
0V
0V
0V
0V
0V
0V
0V
0V
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
0V
0V
V1
Con.
0V
0v
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
V1
0V
0V
0V
Con.
0V
V1
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
0V
V1
0V
V1
V1
0V
0V
0V
V1
0V
0V
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Pin No.
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
Con.
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
V1
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
V1
N/C
0V
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
0V
V1
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Part No:
PDSP16116/A/MC 16 By 16 Bit Complex Multiplier
Package Type:
GC144
VDD max = +5.0V = V1
N/C = not connected
Figure 4(b) Life Test/Burn-in connections
NOTE: PDA is 5% and based on groups 1 and 7


Similar Part No. - PDSP16256

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
PDSP16256 ZARLINK-PDSP16256 Datasheet
181Kb / 23P
   Stand Alone FFT Processor
PDSP16256 ZARLINK-PDSP16256 Datasheet
173Kb / 25P
   Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
268Kb / 24P
   Programmable FIR Filter
More results

Similar Description - PDSP16256

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com