Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP1601 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # PDSP1601
Description  16 by 16 Bit Complex Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP1601 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  PDSP1601 Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PDSP16116/A/MC
1
Ordering Information
PDSP16116 MC GC1R
10MHz
MIL-883 screened -
ceramic QFP
PDSP16116 MC AC1R
10MHz
MIL-883 screened -
PGA package
PDSP16116A MC GC1R 20MHz
MIL-883 screened -
ceramic QFP
PDSP16116A MC AC1R20MHz
MIL-883 screened -
PGA package
PDSP16116/A/MC
16 by 16 Bit Complex Multiplier
DS3858
ISSUE 3.0
June 2000
Fig.1 Simplified Block Diagram
REG
REG
REG
REG
REG
REG
REG
SHIFT
REG
SHIFT
REG
+/-
+/-
REG
MULT
MULT
MULT
MULT
XR
XI
YR
YI
PR
PI
The PDSP16116A will multiply two complex (16 + 16) bit
words every 50ns and can be configured to output the
complete complex (32 + 32) bit result within a single cycle. The
data format is fractional two's complement.
The PDSP16116/A contains four 16 x 16 Array Multipliers,
two 32 bit Adder/Subtractors and all the control logic required
to support Block Floating Point Arithmetic as used in FFT
applications. In combination with a PDSP16318, the
PDSP16116A forms a two chip 10MHz Complex Multiplier
Accumulator with 20 bit accumulator registers and output
shifters. The PDSP16116 in combination with two
PDSP16318s and two PDSP1601s forms a complete 10MHz
Radix 2 DIT FFT Butterfly solution which fully supports Block
Floating Point Arithmetic. The PDSP16116/A has an
extremely high throughput that is suited to recursive
algorithms as all calculations are performed with a single
pipeline delay (two cycle fall-through).
FEATURES
s
Complex Number (16 + 16) X (16 + 16) Multiplication
s
Full 32 bit Result
s
20MHz Clock Rate
s
Block Floating Point FFT Butterfly Support
s
-1 times -1 Trap
s
Two's Complement Fractional Arithmetic
s
TTL Compatible I/O
s
Complex Conjugation
s
2 Cycle Fall Through
s
144 pin PGA or QFP packages
APPLICATION
ASSOCIATED PRODUCTS
PDSP16318/A
Complex Accumulator
PDSP16112/A
(16 + 16) X (12 + 12) Complex Multiplier
PDSP16330/A
Pythagoras Processor
PDSP1601/A
ALU and Barrel Shifter
PDSP16350
Precision Digital Modulator
PDSP16256
Programmable FIR Filter
PDSP16510
Single Chip FFT Processor
s
Fast Fourier Transforms
s
Digital Filtering
s
Radar and Sonar Processing
s
Instrumentation
s
Image Processing
CHANGE NOTIFICATION
The change notification requirements of MIL-M-38510 will be
implemented on this device type. Known customers will be
notified of any changes since last buy when ordering further
parts if significant changes have been made.
Rev
A
B
C
D
Date
JULY 1993 OCT 1998 JUN 2000


Similar Part No. - PDSP1601

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
PDSP1601 MITEL-PDSP1601 Datasheet
142Kb / 18P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP1601 ZARLINK-PDSP1601 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP1601 ZARLINK-PDSP1601 Datasheet
91Kb / 7P
   Complex Accumulator
More results

Similar Description - PDSP1601

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com