Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA44 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBTA44
Description  HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA44 Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBTA44 Datasheet HTML 1Page - Unisonic Technologies MMBTA44 Datasheet HTML 2Page - Unisonic Technologies MMBTA44 Datasheet HTML 3Page - Unisonic Technologies MMBTA44 Datasheet HTML 4Page - Unisonic Technologies MMBTA44 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBTA44/45
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R206-007.B
TYPICAL CHARACTERISTICS
10
1
10
2
10
3
10
4
10
0
-40
-20
0
20
40
60
80
100
120
140
VCE=10V
DC current gain
Collector Current, IC (mA)
10
0
10
1
10
2
10
-1
Turn -on switching times
VCE=150V
Ic/IB=10
Ta=25℃
VBE( OFF)=4V
Tf
Td
Collector Current, IC (mA)
10
1
10
0
10
0
10
1
10
2
Collector Current, IC(mA)
10
-1
Turn - off switching times
10
0
10
1
10
2
t s
tF
VCE =150V
Ic/IB =10
Ta =25℃
Capacitance
10
1
10
2
10
3
10
0
10-
1
Collector Voltage (V)
10
0
10
1
10
2
10
3
Cib
Cob


Similar Part No. - MMBTA44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBTA44 ETC-MMBTA44 Datasheet
34Kb / 1P
   SOT-23-3L Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
MMBTA44 WINNERJOIN-MMBTA44 Datasheet
128Kb / 1P
   TRANSISTOR (NPN)
logo
Micro Commercial Compon...
MMBTA44 MCC-MMBTA44 Datasheet
305Kb / 3P
   NPN Silicon High Voltage Transistor 350mW
logo
Avic Technology
MMBTA44 AVICTEK-MMBTA44 Datasheet
50Kb / 1P
   SOT-23-3L Plastic-Encapsulate Transistors
logo
Guilin Strong Micro-Ele...
MMBTA44 GSME-MMBTA44 Datasheet
349Kb / 2P
   NPN High Voltage Transistor
More results

Similar Description - MMBTA44

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MBT6517LT1 WINNERJOIN-MBT6517LT1 Datasheet
76Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Seme LAB
2N5015 SEME-LAB-2N5015_08 Datasheet
90Kb / 2P
   HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
2N5015X SEME-LAB-2N5015X Datasheet
90Kb / 2P
   HIGH VOLTAGE SILICON EPITAXIAL NPN TRANSISTOR
logo
Continental Device Indi...
2N5550 CDIL-2N5550 Datasheet
212Kb / 4P
   NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
2N5551 CDIL-2N5551 Datasheet
284Kb / 3P
   NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
   NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
NEC
2SD2383 NEC-2SD2383 Datasheet
114Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE SWITCHING
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com