Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC97A6 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MAC97A6
Description  LOGIC LEVEL TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MAC97A6 Datasheet(HTML) 2 Page - Unisonic Technologies

  MAC97A6 Datasheet HTML 1Page - Unisonic Technologies MAC97A6 Datasheet HTML 2Page - Unisonic Technologies MAC97A6 Datasheet HTML 3Page - Unisonic Technologies MAC97A6 Datasheet HTML 4Page - Unisonic Technologies MAC97A6 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAC97A6/8
TRIACS
UNISONIC TECHNOLOGIES CO., LTD
2 of 5
www.unisonic.com.tw
QW-R401-023,C
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATINGS
UNIT
MAC97A6
400
V
Repetitive Peak off-State Voltage (TJ=25 ~125 )
MAC97A8
VDRM
600
V
RMS on-State Current (Full Sine Wave, TLEAD≤50 )
IT(RMS)
0.6
A
t=20ms
8.0
A
Non-Repetitive Peak on-State Current
(Full Sine Wave, TJ=25℃ Prior to Surge)
t=16.7ms
ITSM
8.8
A
I
2t for Fusing (t=10ms)
I
2t
0.32
A
2s
T2+G+
50
A/µs
T2+G-
50
A/µs
T2-G-
50
A/µs
Repetitive Rate of Rise of on-State Current After
Triggering(ITM=1.0A, IG=0.2A, dIG/dt=0.2A/µs)
T2-G+
dIT/dt
10
A/µs
Peak Gate Voltage [ t=2µs (max) ]
VGM
5
V
Peak Gate Current [ t=2µs (max) ]
IGM
1
A
Peak Gate Power
[ t=2µs (max) ]
PGM
5
W
Average Gate Power [ Tcase=80℃, t=2us (max) ]
PG(AV)
0.1
W
Operating Junction Temperature
TJ
-40~+125
Storage Temperature
TSTG
-40~+150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-92
150
/W
Thermal Resistance Junction to Ambient
SOT-223
θJA
165
/W
STATIC CHARACTERISTICS (TJ=25℃, unless otherwise specified)
DYNAMIC CHARACTERISTICS(TJ=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
T2+G+
1
5
mA
T2+G-
2
5
mA
T2-G-
2
5
mA
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2-G+
4
7
mA
T2+G+
1
10
mA
T2+G-
5
10
mA
T2-G-
1
10
mA
Latching Current
IL
VD=12V, IGT=0.1A
T2-G+
2
10
mA
Holding Current
IH
VD=12V, IGT=0.1A
1
10
mA
On-State Voltage
VT
IT=0.85A
1.4
1.9
V
VD=12V,IT=0.1A
0.9
2
V
Gate Trigger Voltage
VGT
VD=VDRM, IT=0.1A, TJ=110℃
0.1
0.7
V
Off-State Leakage Current
ID
VD=VDRM(MAX), TJ=110℃
3
100
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Critical Rate of Rise of Off-State
Voltage
dVD/dt
VD=67% of VDRM(max),
Tcase=110 ,
Exponential
Waveform, Gate Open Circuit
30
45
V/µs
Critical Rate of Rise of Commutation
Voltage
dVcom/dt
VD=Rated VDRM, Tcase=50 ,
lTM=0.84A, commutating
dl/dt=0.3A/ms
5
V/µs
Gate Controlled Turn-On Time
tgt
ITM=1.0A,VD=VDRM(max),
IG=25mA,dIG/dt=5A/µs
2
µs


Similar Part No. - MAC97A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A6 PHILIPS-MAC97A6 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
WeEn Semiconductors
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
logo
ON Semiconductor
MAC97A6 ONSEMI-MAC97A6 Datasheet
84Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
First Silicon Co., Ltd
MAC97A6 FS-MAC97A6 Datasheet
204Kb / 5P
   TRIAC
2016.01. 12
logo
Inchange Semiconductor ...
MAC97A6 ISC-MAC97A6 Datasheet
55Kb / 1P
   Triacs
More results

Similar Description - MAC97A6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com