Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NWK914D Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # NWK914D
Description  PHY/PMD High Speed Copper Media Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NWK914D Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

  NWK914D Datasheet HTML 1Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 2Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 3Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 4Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 5Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 6Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 7Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 8Page - Zarlink Semiconductor Inc NWK914D Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
NWK914D
Fig.6 Simplified 100BASE-TX system block diagram showing NWK914D external components
EXTERNAL REQUIREMENTS
The NWK914D requires a number of external components
for the device to function correctly and these are shown in
the simplified 100BASE-TX application circuit in Fig.6 and
the component value information given in Table 2.
Note that the values of R2, R5 and R6 vary depending
upon application. When using 1:1 magnetics, use the values
shown in the middle of Table 2 with note "1:1 magnetics".
When using 2:1 magnetics use the values shown in the last
two lines of Table 2. Please refer to the Transmit Line Driver
section on pages 3-4 for more information on these values.
For more detailed Application information please contact
your local Sales Office.
GLOSSARY OF TERMS AND ABREVIATIONS
MAC
Media Access Control
MLT-3
Multi Level Transmit -3 levels
NRZ
Non Return To Zero
NRZI
Non Return to Zero Inverse
PCS
Physical Coding Sublayer
PHY
PHYsical Layer
PLL
Phase Locked Loop
PMD
Physical Media Dependent
UTP
Unshielded Twisted Pair
RX
Receive
STP
Shielded Twisted Pair
TX
Transmit
UTP
Unshielded Twisted Pair
VCO
Voltage Controlled Oscillator
1K
100pF
TxVcc
6.2K
.01
µF
R6
R5
15
15
68
0.1
µF
Xtal Osc.
LFTA
LFTB TXREF
TXGND
TXOP
TXON
RXIP
RXIN
LFRB
LFRA
REFCLK
TDAT0-4
TXC
RXC
RDAT0-4
.033
µF
RJ45
5
5
PCS
or
MAC
(with
embedded
PCS)
1:1
NWK914D
M
A
G
N
E
T
I
C
S
R1
C1
R2
C2
See Table 2 for
these resistor values
CT
C4
R7
R9
R8
R3
C3
REF.
VALUE
TOL.
FUNC.
NOTES
C1
100pF
20%
loop fltr
C2
0.033
µF
20%
loop fltr
C3
.01
µF
20%
loop fltr
R1
1K
1%
loop fltr
R2
1300
1%
tx ref
1:1 magnetics
R3
6.2K
1%
loop fltr
R5,R6
50
1%
xmit
1:1 magnetics
R7,R8
15
1%
rcv pad
R9
68
1%
rcv pad
R2
2.6K
1%
tx ref
2:1 magnetics
R5,R6
200
1%
xmit
2:1 magnetics
CT on transformer connects directly to
2:1 magnetics
TX VCC with C4 omitted
Table 2: External components
NWK914B
NWK914S
NWK914D
Base Line Wander Correction
-
improved to 100m
improved to 100m
TXREF resistor with 1:1 magnetics
620
680
1300
Table 3: Differences between NWK914B, NWK914S and NWK914D


Similar Part No. - NWK914D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
More results

Similar Description - NWK914D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
   PHY/PMD High Speed Copper Media Transceiver
logo
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
logo
Broadcom Corporation.
BCM5464SR BOARDCOM-BCM5464SR Datasheet
153Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1IRBG BOARDCOM-BCM5464SA1IRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5464SA1KRBG BOARDCOM-BCM5464SA1KRBG Datasheet
113Kb / 2P
   QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
BCM5466SR BOARDCOM-BCM5466SR Datasheet
96Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/FIBER MEDIA INTERFACE
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Broadcom Corporation.
BCM5466SRA0KFBG BOARDCOM-BCM5466SRA0KFBG Datasheet
151Kb / 2P
   QUAD-PORT GIGABIT ETHERNET COPPER TRANSCEIVER WITH COPPER/ FIBER MEDIA INTERFACE
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com