Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD204J Datasheet(PDF) 7 Page - Analog Devices

Part # AD204J
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD204J Datasheet(HTML) 7 Page - Analog Devices

Back Button AD204J Datasheet HTML 3Page - Analog Devices AD204J Datasheet HTML 4Page - Analog Devices AD204J Datasheet HTML 5Page - Analog Devices AD204J Datasheet HTML 6Page - Analog Devices AD204J Datasheet HTML 7Page - Analog Devices AD204J Datasheet HTML 8Page - Analog Devices AD204J Datasheet HTML 9Page - Analog Devices AD204J Datasheet HTML 10Page - Analog Devices AD204J Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. D
AD202/AD204
–7–
FREQUENCY – Hz
180
10
160
140
120
100
80
60
40
20
50 60 100
200
500
1k
2k
5k
G = 100
G = 1
R
LO
= 10k
R
LO
= 500
R
LO
= 0
R
LO
= 0
R
LO
= 10k
Figure 10b. AD202
Dynamics and Noise. Frequency response plots for the AD202
and AD204 are given in Figure 11. Since neither isolator is slew-
rate limited, the plots apply for both large and small signals.
Capacitive loads of up to 470 pF will not materially affect fre-
quency response. When large signals beyond a few hundred Hz
will be present, it is advisable to bypass –VISO and +VISO to IN
COM with 1
mF tantalum capacitors even if the isolated supplies
are not loaded.
At 50 Hz/60 Hz, phase shift through the AD202/AD204 is typically
0.8
∞ (lagging). Typical unit to unit variation is ±0.2∞ (lagging).
FREQUENCY – Hz
10
60
–40
20
50
100
200
500
1k
2k
5k
40
20
0
–20
10k
20k
AD204
AD202
AMPLITUDE
RESPONSE
PHASE
RESPONSE
(G = 1)
0
–50
–100
Figure 11. Frequency Response at Several Gains
The step response of the AD204 for very fast input signals can
be improved by the use of an input filter, as shown in Figure 12.
The filter limits the bandwidth of the input (to about 5.3 kHz)
so that the isolator does not see fast, out-of-band input terms
that can cause small amounts (
±0.3%) of internal ringing. The
AD204 will then settle to
±0.1% in about 300 ms for a 10 V
step.
AD204
3.3k
0.01 F
VS
Figure 12. Input Filter for Improved Step Response
Except at the highest useful gains, the noise seen at the output
of the AD202 and AD204 will be almost entirely comprised of
carrier ripple at multiples of 25 kHz. The ripple is typically
2 mV p-p near zero output and increases to about 7 mV p-p for
outputs of
±5 V (1 MHz measurement bandwidth). Adding a
capacitor across the output will reduce ripple at the expense of
bandwidth: for example, 0.05
mF at the output of the AD204
will result in 1.5 mV ripple at
±5 V, but signal bandwidth will
be down to 1 kHz.
When the full isolator bandwidth is needed, the simple two-pole
active filter shown in Figure 13 can be used. It will reduce ripple
to 0.1 mV p-p with no loss of signal bandwidth, and also serves
as an output buffer.
An output buffer or filter may sometimes show output spikes
that do not appear at its input. This is usually due to clock noise
appearing at the op amp’s supply pins (since most op amps have
little or no supply rejection at high frequencies). Another com-
mon source of carrier-related noise is the sharing of a ground
track by both the output circuit and the power input. Figure 13
shows how to avoid these problems: the clock/supply port of the
isolator does not share ground or 15 V tracks with any signal
circuits, and the op amp’s supply pins are bypassed to signal
common (note that the grounded filter capacitor goes here as
well). Ideally, the output signal LO lead and the supply com-
mon meet where the isolator output is actually measured, e.g.,
at an A/D converter input. If that point is more than a few feet
from the isolator, it may be useful to bypass output LO to sup-
ply common at the isolator with a 0.1
mF capacitor.
In applications where more than a few AD204s are driven by a
single clock driver, substantial current spikes will flow in the
power return line and in whichever signal out lead returns to a
low impedance point (usually output LO). Both of these tracks
should be made large to minimize inductance and resistance;
ideally, output LO should be directly connected to a ground
plane which serves as measurement common.
Current spikes can be greatly reduced by connecting a small
inductance (68
mH–100 mH) in series with the clock pin of each
AD204. Molded chokes such as the Dale IM-2 series, with dc
resistance of about 5
W, are suitable.
AD202
OR
AD204
10k
2200pF
10k
1000pF
AD711
1.0 F 1.0 F
POINT OF
MEASUREMENT
AD246
(IF USED)
POWER
SUPPLY
–15V
C
+15V
+
+
Figure 13. Output Filter Circuit Showing Proper Grounding
(NOTE: Circuit figures shown on this page are for SIP-style packages. Refer to
Page 3 for proper DIP package pinout.)


Similar Part No. - AD204J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD204J AD-AD204J Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204J AD-AD204J Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD204JN AD-AD204JN Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204JY AD-AD204JY Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results

Similar Description - AD204J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com