Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDU6102 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFDU6102
Description  Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6102 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFDU6102_05 Datasheet HTML 1Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 2Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 3Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 4Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 5Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 6Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 7Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 8Page - Vishay Siliconix TFDU6102_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.vishay.com
4
Document Number 82550
Rev. 1.6, 05-Dec-05
TFDU6102
Vishay Semiconductors
Absolute Maximum Ratings
Reference point Ground Pin 8, unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
Eye safety information
Reference point Pin: GND unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*)Due to the internal limitation measures the device is a "class1" device
**)IrDA specifies the max. intensity with 500 mW/sr
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage range,
transceiver
0 V < VCC2 < 6 V
VCC1
- 0.5
+ 6
V
Supply voltage range,
transmitter
0 V < VCC1 < 6 V
VCC2
- 0.5
+ 6.5
V
Input currents
for all pins, except IRED anode
pin
10
mA
Output sinking current
25
mA
Power dissipation
see derating curve, figure 5
PD
500
mW
Junction temperature
TJ
125
°C
Ambient temperature range
(operating)
Tamb
- 25
+ 85
°C
Storage temperature range
Tstg
- 25
+ 85
°C
Soldering temperature
see recommended solder profile
(see figure 4)
260
°C
Average output current
IIRED (DC)
125
mA
Repetitive pulse output current
< 90 µs, ton < 20 %
IIRED (RP)
600
mA
IRED anode voltage
VIREDA
- 0.5
+ 6.5
V
Voltage at all inputs and outputs Vin > VCC1 is allowed
VIN
5.5
V
Load at mode pin when used as
mode indicator
50
pF
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Virtual source size
Method: (1 - 1/e) encircled
energy
d2.5
2.8
mm
Maximum Intensity for Class 1
IEC60825-1 or
EN60825-1,
edition Jan. 2001
Ie
*)
(500)**)
mW/sr


Similar Part No. - TFDU6102_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6102E-TR3 VISHAY-TFDU6102E-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6102E-TT3 VISHAY-TFDU6102E-TT3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDU6102_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6101E VISHAY-TFDU6101E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com