Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBV3700LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBV3700LT1
Description  High Voltage Silicon Pin Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV3700LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBV3700LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBV3700LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBV3700LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBV3700LT1_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBV3700LT1, MPN3700
http://onsemi.com
3
PACKAGE DIMENSIONS
SOT−23 (TO−236)
CASE 318−08
ISSUE AN
D
A1
3
12
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. 318−01 THRU −07 AND −09 OBSOLETE, NEW
STANDARD 318−08.
VIEW C
L
0.25
L1
q
e
E
E
b
A
SEE VIEW C
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.89
1.00
1.11
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.37
0.44
0.50
0.015
c
0.09
0.13
0.18
0.003
D
2.80
2.90
3.04
0.110
E
1.20
1.30
1.40
0.047
e
1.78
1.90
2.04
0.070
L
0.10
0.20
0.30
0.004
0.040
0.044
0.002
0.004
0.018
0.020
0.005
0.007
0.114
0.120
0.051
0.055
0.075
0.081
0.008
0.012
NOM
MAX
L1
H
STYLE 8:
PIN 1. ANODE
2. NO CONNECTION
3. CATHODE
2.10
2.40
2.64
0.083
0.094
0.104
H E
0.35
0.54
0.69
0.014
0.021
0.029
c
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MMBV3700LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBV3700LT1G ONSEMI-MMBV3700LT1G Datasheet
121Kb / 3P
   High Voltage Silicon Pin Diodes
August, 2009 ??Rev. 5
MMBV3700LT1G ONSEMI-MMBV3700LT1G_09 Datasheet
121Kb / 3P
   High Voltage Silicon Pin Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MMBV3700LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBV3700LT1G ONSEMI-MMBV3700LT1G_09 Datasheet
121Kb / 3P
   High Voltage Silicon Pin Diodes
August, 2009 ??Rev. 5
MMBV3700LT1 ONSEMI-MMBV3700LT1 Datasheet
53Kb / 8P
   High Voltage Silicon Pin Diodes
November, 2001 ??Rev. 2
logo
Microsemi Corporation
GC4410 MICROSEMI-GC4410 Datasheet
106Kb / 2P
   HIGH VOLTAGE PIN DIODES
logo
DONGGUAN YOU FENG WEI E...
2CL3516 YFWDIODE-2CL3516 Datasheet
401Kb / 2P
   High voltage silicon diodes
logo
SiPower Inc.
2CL3520HR SIPOWER-2CL3520HR Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
2CL3520H SIPOWER-2CL3520H Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
logo
DONGGUAN YOU FENG WEI E...
HVM12 YFWDIODE-HVM12 Datasheet
401Kb / 2P
   High voltage silicon diodes
HVM16 YFWDIODE-HVM16 Datasheet
401Kb / 2P
   High voltage silicon diodes
2CL7516 YFWDIODE-2CL7516 Datasheet
400Kb / 2P
   High voltage silicon diodes
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com