Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGF7169C Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. MGF7169C
Description  UHF BAND GaAs POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF7169C Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MGF7169C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MGF7169C Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MITSUBISHI ELECTRIC
(6/20)
Aug. '97
MGF7169C
MITSUBISHI SEMICONDUCTOR <GaAs MMIC>
UHF BAND GaAs POWER AMPLIFIER
Preliminary
information
Vd dependence of Pin vs.Pout,Idt
Vd dependence of Pin vs.Pout,Efficiency
0
5
10
15
20
25
30
35
-12
-8
-4
0
4
8
12
16
Pin (dBm)
0
200
400
600
800
1000
1200
1400
Pout
Idt
0
5
10
15
20
25
30
35
-12
-8
-4
0
4
8
12
16
Pin (dBm)
0
10
20
30
40
50
60
70
Pout
Efficiency
Fin=1880MHz
Vg1=Vg2=-2.0V
CDMA evaluation
Vd=2.6V
Vd=3.0V
Vd=3.4V
Fin=1880MHz
Vg1=Vg2=-2.0V
CDMA evaluation
Vd=2.6V
Vd=3.0V
Vd=3.4V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn