Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBV432LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBV432LT1
Description  Silicon Tuning Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV432LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBV432LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBV432LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBV432LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBV432LT1_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 4
1
Publication Order Number:
MMBV432LT1/D
MMBV432LT1
Preferred Device
Silicon Tuning Diode
This device is designed for FM tuning, general frequency control
and tuning, or any top−of−the−line application requiring
back−to−back diode configuration for minimum signal distortion and
detuning. This device is supplied in the SOT−23 plastic package for
high volume, pick and place assembly requirements.
Features
High Figure of Merit − Q = 150 (Typ) @ VR = 2.0 Vdc, f = 100 MHz
Guaranteed Capacitance Range
Dual Diodes − Save Space and Reduce Cost
Surface Mount Package
Available in 8 mm Tape and Reel
Monolithic Chip Provides Improved Matching −
Guaranteed
±1.0% (Max) Over Specified Tuning Range
Pb−Free Package is Available
MAXIMUM RATINGS (Each Diode)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
14
Vdc
Forward Current
IF
200
mAdc
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 9
Device
Package
Shipping
ORDERING INFORMATION
MMBV432LT1
SOT−23
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBV432LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
DUAL VOLTAGE VARIABLE
CAPACITANCE DIODE
12
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
M4B M
G
G
M4B = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM


Similar Part No. - MMBV432LT1_06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV432LT1 LRC-MMBV432LT1 Datasheet
70Kb / 2P
   Silicon Tuning Diode
logo
ON Semiconductor
MMBV432LT1 ONSEMI-MMBV432LT1 Datasheet
40Kb / 4P
   Silicon Tuning Diode
March, 2001 ??Rev. 2
More results

Similar Description - MMBV432LT1_06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com