Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74HCT74A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HCT74A
Description  Dual D Flip−Flop with Set and Reset with LSTTL Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74HCT74A Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HCT74A
http://onsemi.com
4
SWITCHING WAVEFORMS
1/fmax
Figure 1.
CLOCK
Q OR Q
tf
tr
3 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
tw
Figure 2.
GND
SET OR
RESET
Q OR Q
Q OR Q
CLOCK
tPLH
tPHL
DATA
CLOCK
Figure 3.
VALID
tsu
th
trec
tw
Figure 4. Expanded Logic Diagram
SET
DATA
RESET
4, 10
2, 12
1, 13
CLOCK
3, 11
5, 9
6, 8
Q
Q
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5.
3 V
GND
3 V
1.3 V
1.3 V
1.3 V
1.3 V
GND
3 V
GND
3 V
1.3 V
1.3 V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn