Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT6428LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MMBT6428LT1
Description  Amplifier Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT6428LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT6428LT1_05 Datasheet HTML 1Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 2Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 3Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 4Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 5Page - ON Semiconductor MMBT6428LT1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT6428LT1, MMBT6429LT1
http://onsemi.com
3
Figure 2. Effects of Frequency
f, FREQUENCY (Hz)
7.0
10
20
30
5.0
Figure 3. Effects of Collector Current
IC, COLLECTOR CURRENT (mA)
Figure 4. Noise Current
f, FREQUENCY (Hz)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (OHMS)
3.0
10
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
NOISE VOLTAGE
20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
IC = 10 mA
300 mA
30 mA
RS ≈ 0
3.0 mA
1.0 mA
7.0
10
20
30
5.0
3.0
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
RS ≈ 0
f = 10 Hz
100 Hz
1.0 kHz
10 kHz
100 kHz
IC = 10 mA
3.0 mA
1.0 mA
300 mA
100 mA
10 mA
RS ≈ 0
10
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0.1
0.2
0.3
1.0
0.7
2.0
3.0
5.0
7.0
10
20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
BANDWIDTH = 10 Hz to 15.7 kHz
IC = 1.0 mA
500 mA
100 mA
10 mA
100 Hz NOISE DATA
300
200
100
3.0
5.0
7.0
10
20
30
50
70
RS, SOURCE RESISTANCE (OHMS)
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
Figure 6. Total Noise Voltage
BANDWIDTH = 1.0 Hz
IC = 10 mA
3.0 mA
1.0 mA
300 mA
100 mA
30 mA
10 mA
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
IC = 10 mA
300 mA
100 mA
30 mA
3.0 mA
1.0 mA
10 mA
BANDWIDTH = 1.0 Hz
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Noise Figure
0.5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
BC546_05 Amplifier Transistors NPN Silicon 1  2  3  4  5  More ON Semiconductor
2SC4617_04 NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1  2  3  4  ON Semiconductor
BC237_06 Amplifier Transistors NPN Silicon 1  2  3  4  ON Semiconductor
MBT6429DW1T1_05 Amplifier Transistors NPN Silicon 1  2  3  4  5  ON Semiconductor
BC337_05 Amplifier Transistors NPN Silicon 1  2  3  4  5  ON Semiconductor
2N5088_07 Amplifier Transistors NPN Silicon 1  2  3  4  5  ON Semiconductor
2N5550_07 Amplifier Transistors NPN Silicon 1  2  3  4  5  More ON Semiconductor
BC737 NPN SILICON AF MEDIUM POWER TRANSISTORS 1  2  Micro Electronics
BD135_01 NPN SILICON TRANSISTORS 1  2  3  4  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn