Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HC4538A Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HC4538A
Description  Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC74HC4538A Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC74HC4538A
http://onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limits
Unit
–55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low−Level
Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High−Level
Output Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH or VIL
|Iout| v −4.0 mA
|Iout| v −5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low−Level
Output Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| v 4.0 mA
|Iout| v 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
Iin
Maximum Input
Leakage Current
(A, B, Reset)
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
Iin
Maximum Input
Leakage Current
(Rx, Cx)
Vin = VCC or GND
6.0
± 50
± 500
± 500
nA
ICC
Maximum Quiescent
Supply Current
(per package)
Standby State
Vin = VCC or GND
Q1 and Q2 = Low
Iout = 0 mA
6.0
130
220
350
mA
ICC
Maximum Supply Current
(per package)
Active State
Vin = VCC or GND
Q1 and Q2 = High
Iout = 0 mA
Pins 2 and 14 = 0.5 VCC
6.0
25
_C
–45
_C to
85
_C
–55
_C to
125
_C
mA
400
600
800


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn