Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4046A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC4046A
Description  Phase?묹ocked Loop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4046A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC4046A_05 Datasheet HTML 1Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 2Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 3Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 4Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 5Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 6Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 7Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 8Page - ON Semiconductor MC74HC4046A_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC74HC4046A
http://onsemi.com
4
[VCO Section]
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
≤ 85°C
≤ 125°C
VIH
Minimum High−Level
Input Voltage
INH
Vout = 0.1 V or VCC − 0.1 V
|Iout| ≤ 20 mA
3.0
4.5
6.0
2.1
3.15
4.2
2.1
3.15
4.2
2.1
3.15
4.2
V
VIL
Maximum Low−Level
Input Voltage
INH
Vout = 0.1 V or VCC − 0.1 V
|Iout| ≤ 20 mA
3.0
4.5
6.0
0.90
1.35
1.8
0.9
1.35
1.8
0.9
1.35
1.8
V
VOH
Minimum High−Level
Output Voltage
VCOOUT
Vin =VIH or VIL
|Iout| ≤ 20 mA
3.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin =VIH or VIL
|Iout| ≤ 4.0 mA
|Iout| ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low−Level
Output Voltage
VCOOUT
Vout = 0.1 V or VCC − 0.1 V
|Iout| ≤ 20 mA
3.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin =VIH or VIL
|Iout| ≤ 4.0 mA
|Iout| ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
Iin
Maximum Input Leakage
Current INH, VCOIN
Vin =VCC or GND
6.0
0.1
1.0
1.0
mA
Min
Max
Min
Max
Min
Max
VVCO IN
Operating Voltage Range at
VCOIN over the range
specified for R1; For linearity
see Fig. 15A, Parallel value of
R1 and R2 should be > 2.7 k
W
INH = VIL
3.0
4.5
6.0
0.1
0.1
0.1
1.0
2.5
4.0
0.1
0.1
0.1
1.0
2.5
4.0
0.1
0.1
0.1
1.0
2.5
4.0
V
R1
Resistor Range
3.0
4.5
6.0
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
k
W
R2
3.0
4.5
6.0
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
3.0
3.0
3.0
300
300
300
C1
Capacitor Range
3.0
4.5
6.0
40
40
40
No
Limit
pF
[VCO Section]
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
≤ 85°C
≤ 125°C
Min
Max
Min
Max
Min
Max
Df/T
Frequency Stability with
Temperature Changes
(Figure 14A, B, C)
3.0
4.5
6.0
%/K
fo
VCO Center Frequency
(Duty Factor = 50%)
(Figure 15A, B, C, D)
3.0
4.5
6.0
3
11
13
MHz
DfVCO
VCO Frequency Linearity
3.0
4.5
6.0
See Figures 16A, B, C
%
∂ VCO
Duty Factor at VCOOUT
3.0
4.5
6.0
Typical 50%
%


Similar Part No. - MC74HC4046A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AD ONSEMI-MC74HC4046AD Datasheet
290Kb / 16P
   Phase-Locked Loop
March, 2000 ??Rev. 7
MC74HC4046ADG ONSEMI-MC74HC4046ADG Datasheet
175Kb / 15P
   Phase-Locked Loop
August, 2014 ??Rev. 11
MC74HC4046ADR2 ONSEMI-MC74HC4046ADR2 Datasheet
290Kb / 16P
   Phase-Locked Loop
March, 2000 ??Rev. 7
MC74HC4046ADR2G ONSEMI-MC74HC4046ADR2G Datasheet
175Kb / 15P
   Phase-Locked Loop
August, 2014 ??Rev. 11
MC74HC4046ADTG ONSEMI-MC74HC4046ADTG Datasheet
175Kb / 15P
   Phase-Locked Loop
August, 2014 ??Rev. 11
More results

Similar Description - MC74HC4046A_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14046B ONSEMI-MC14046B Datasheet
181Kb / 7P
   Phase Locked Loop
REV 4
logo
Z-Communications, Inc
PCA0300A-LF ZCOMM-PCA0300A-LF_10 Datasheet
169Kb / 2P
   PHASE LOCKED LOOP
PSA0869A-LF ZCOMM-PSA0869A-LF_10 Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA1650A ZCOMM-PSA1650A_10 Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA1675A ZCOMM-PSA1675A Datasheet
82Kb / 2P
   PHASE LOCKED LOOP
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
PSA2570C ZCOMM-PSA2570C Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3245C-LF ZCOMM-PSA3245C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
PSA3600C-LF ZCOMM-PSA3600C-LF Datasheet
87Kb / 2P
   PHASE LOCKED LOOP
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com