Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC04DT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC04DT
Description  Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC04DT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC04DT Datasheet HTML 1Page - ON Semiconductor MC74AC04DT Datasheet HTML 2Page - ON Semiconductor MC74AC04DT Datasheet HTML 3Page - ON Semiconductor MC74AC04DT Datasheet HTML 4Page - ON Semiconductor MC74AC04DT Datasheet HTML 5Page - ON Semiconductor MC74AC04DT Datasheet HTML 6Page - ON Semiconductor MC74AC04DT Datasheet HTML 7Page - ON Semiconductor MC74AC04DT Datasheet HTML 8Page - ON Semiconductor MC74AC04DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC04/D
MC74AC04, MC74ACT04
Hex Inverter
Features
Outputs Source/Sink 24 mA
′ACT04 Has TTL Compatible Inputs
Pb−Free Packages are Available
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to
+7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to
VCC +0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to
VCC +0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
TSSOP−14
DT SUFFIX
CASE 948G
1
14
SOEIAJ−14
M SUFFIX
CASE 965
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
PDIP−14
N SUFFIX
CASE 646
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74AC04DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC04DT ONSEMI-MC74AC04DT Datasheet
89Kb / 8P
   Hex Inverter
May, 2001 ??Rev. 5
MC74AC04DTR2 ONSEMI-MC74AC04DTR2 Datasheet
89Kb / 8P
   Hex Inverter
May, 2001 ??Rev. 5
MC74AC04DTR2G ONSEMI-MC74AC04DTR2G Datasheet
87Kb / 8P
   Hex Inverter
January, 2015 ??Rev. 8
MC74AC04DTR2G ONSEMI-MC74AC04DTR2G Datasheet
86Kb / 8P
   Hex Inverter
August, 2017 ??Rev. 9
More results

Similar Description - MC74AC04DT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com