Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD7000LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBD7000LT1
Description  Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD7000LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBD7000LT1_05 Datasheet HTML 1Page - ON Semiconductor MMBD7000LT1_05 Datasheet HTML 2Page - ON Semiconductor MMBD7000LT1_05 Datasheet HTML 3Page - ON Semiconductor MMBD7000LT1_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBD7000LT1
http://onsemi.com
3
CURVES APPLICABLE TO EACH DIODE
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
0
0.68
0.64
0.60
0.52
0.56
2.0
4.0
6.0
8.0
TA = 85°C
TA = −40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C


Similar Part No. - MMBD7000LT1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
133Kb / 4P
   Dual Switching Diode
November, 2011 ??Rev. 6
MMBD7000LT1G ONSEMI-MMBD7000LT1G Datasheet
90Kb / 4P
   Dual Switching Diode
October, 2016 ??Rev. 7
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
MMBD7000LT1 WINNERJOIN-MMBD7000LT1_15 Datasheet
232Kb / 3P
   Surface mount switching diode
More results

Similar Description - MMBD7000LT1_05

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
November, 2001 ??Rev. 2
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
   Dual Switching Diode
April, 2016 ??Rev. 5
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
   DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
   Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
   Dual Switching Diode
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
   Dual Switching Diode
logo
ON Semiconductor
BAV70TT1 ONSEMI-BAV70TT1 Datasheet
59Kb / 6P
   Dual Switching Diode
December, 2003 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
   Dual Switching Diode
October, 2010 -- Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com