Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H641FNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H641FNG
Description  Single Supply PECL to TTL 1:9 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H641FNG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H641FNG Datasheet HTML 1Page - ON Semiconductor MC10H641FNG Datasheet HTML 2Page - ON Semiconductor MC10H641FNG Datasheet HTML 3Page - ON Semiconductor MC10H641FNG Datasheet HTML 4Page - ON Semiconductor MC10H641FNG Datasheet HTML 5Page - ON Semiconductor MC10H641FNG Datasheet HTML 6Page - ON Semiconductor MC10H641FNG Datasheet HTML 7Page - ON Semiconductor MC10H641FNG Datasheet HTML 8Page - ON Semiconductor MC10H641FNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC10H641, MC100H641
http://onsemi.com
3
Table 2. 10H PECL DC CHARACTERISTICS
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IINH
Input HIGH Current
255
175
175
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
VIH
Input HIGH Voltage
VE = 5.0 V (Note 1)
3.83
4.16
3.87
4.19
3.94
4.28
V
VIL
Input LOW Voltage
VE = 5.0 V (Note 1)
3.05
3.52
3.05
3.52
3.05
3.55
V
VBB
Output Reference Voltage
VE = 5.0 V (Note 1)
3.62
3.73
3.65
3.75
3.69
3.81
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. PECL VIH, VIL, and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = 5.0 V.
Table 3. 100H PECL DC CHARACTERISTICS
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IINH
Input HIGH Current
255
175
175
mA
IINL
Input LOW Current
0.5
0.5
0.5
mA
VIH
Input HIGH Voltage
VE = 5.0 V (Note 2)
3.835
4.120
3.835
4.120
3.835
4.120
V
VIL
Input LOW Voltage
VE = 5.0 V (Note 2)
3.190
3.525
3.190
3.525
3.190
3.525
V
VBB
Output Reference Voltage
VE = 5.0 V (Note 2)
3.62
3.74
3.62
3.74
3.62
3.74
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
2. PECL VIH, VIL, and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = 5.0 V.
Table 4. DC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
Symbol
Characteristic
TA = 0°C
TA = + 25°C
TA = + 85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
PECL
24
30
24
30
24
30
mA
ICCH
TTL
24
30
24
30
24
30
mA
ICCL
27
35
27
35
27
35
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. TTL DC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
Symbol
0°C
25°C
85°C
Characteristic
Condition
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = −15 mA
2.5
2.5
2.5
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
0.5
0.5
V
IOS
Output Short Circuit Current
VOUT = 0 V
−100
−225
−100
−225
−100
−225
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H641FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Similar Description - MC10H641FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com