Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10H641 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC10H641
Description  Single Supply PECL to TTL 1:9 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H641 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H641_06 Datasheet HTML 1Page - ON Semiconductor MC10H641_06 Datasheet HTML 2Page - ON Semiconductor MC10H641_06 Datasheet HTML 3Page - ON Semiconductor MC10H641_06 Datasheet HTML 4Page - ON Semiconductor MC10H641_06 Datasheet HTML 5Page - ON Semiconductor MC10H641_06 Datasheet HTML 6Page - ON Semiconductor MC10H641_06 Datasheet HTML 7Page - ON Semiconductor MC10H641_06 Datasheet HTML 8Page - ON Semiconductor MC10H641_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev.7
1
Publication Order Number:
MC10H641/D
MC10H641, MC100H641
Single Supply PECL to TTL
1:9 Clock Distribution Chip
Description
The MC10H/100H641 is a single supply, low skew translating 1:9
clock driver. Devices in the ON Semiconductor H641 translator series
utilize the PLCC−28 for optimal power pinning, signal flow through
and electrical performance.
The device features a 24 mA TTL output stage, with AC
performance specified into a 50 pF load capacitance. A latch is
provided on−chip. When LEN is LOW (or left open, in which case it is
pulled LOW by the internal pulldown) the latch is transparent. A
HIGH on the enable pin (EN) forces all outputs LOW. Both the LEN
and EN pins are positive ECL inputs.
The VBB output is provided in case the user wants to drive the
device with a single−ended input. For single−ended use, the VBB
should be connected to the D input and bypassed with a 0.01
mF
capacitor.
The 10H version of the H641 is compatible with positive
MECL 10H™ logic levels. The 100H version is compatible with
positive 100K levels.
Features
PECL − TTL Version of Popular ECLinPS E111
Low Skew
Guaranteed Skew Spec
Latched Input
Differential ECL Internal Design
VBB Output for Single−Ended Use
Single +5.0 V Supply
Logic Enable
Extra Power and Ground Supplies
Separate ECL and TTL Supply Pins
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxH641G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn