Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H141FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H141FNG
Description  Four?묪it Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H141FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H141FNG Datasheet HTML 1Page - ON Semiconductor MC10H141FNG Datasheet HTML 2Page - ON Semiconductor MC10H141FNG Datasheet HTML 3Page - ON Semiconductor MC10H141FNG Datasheet HTML 4Page - ON Semiconductor MC10H141FNG Datasheet HTML 5Page - ON Semiconductor MC10H141FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H141/D
MC10H141
Four−Bit Universal Shift
Register
Description
The MC10H141 is a four−bit universal shift register. This device is a
functional/pinout duplication of the standard MECL 10K
™ part with
100% improvement in propagation delay and operation frequency and
no increase in power supply current.
Features
Shift frequency, 250 MHz Min
Power Dissipation, 425 mW Typical
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
L
HQ2n
32n
H
Parallel Entry
Stop Shift
Q0n
Figure 1. Pin Assignment
VCC1
Q2
Q3
C
DR
D3
S2
VEE
VCC2
Q1
Q0
DL
D0
D1
S1
D2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Table 1. TRUTH TABLE
SELECT
OPERATING
MODE
OUTPUTS
S1 S2
Q1n + 1 Q2n + 1 Q3n + 1
L
L
* Outputs as exist after pulse appears at “C” input with
input conditions as shown (Pulse Positive transition of
clock input).
D0
D1
D2
D3
H Shift Right*
Q1n
Q2n
Q3n
DR
H
L
Shift Left*
DL
Q0n
Q1n
Q2n
Q1n
Q0n + 1
Pin assignment is for Dual−in−Line Package.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H141P
AWLYYWWG
1
16
MC10H141L
AWLYYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H141G
AWLYYWW
120


Similar Part No. - MC10H141FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H141FNR2G ONSEMI-MC10H141FNR2G Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
More results

Similar Description - MC10H141FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
   Four Bit Universal Shift Register
1996 REV 5
MC10141 ONSEMI-MC10141_02 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
   8?묪it Shift Register
June, 2006 ??Rev. 2
MC14517B ONSEMI-MC14517B_06 Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com