Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H602FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H602FNG
Description  9?묪it Latch TTL to ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H602FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H602FNG Datasheet HTML 1Page - ON Semiconductor MC10H602FNG Datasheet HTML 2Page - ON Semiconductor MC10H602FNG Datasheet HTML 3Page - ON Semiconductor MC10H602FNG Datasheet HTML 4Page - ON Semiconductor MC10H602FNG Datasheet HTML 5Page - ON Semiconductor MC10H602FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 10
1
Publication Order Number:
MC10H602/D
MC10H602, MC100H602
9−Bit Latch TTL to ECL
Translator
Description
The MC10H/100H602 is a 9−bit, dual supply TTL to ECL translator
with latch. Devices in the ON Semiconductor 9−bit translator series
utilize the PLCC−28 for optimal power pinning, signal flow−through
and electrical performance.
The H602 features D−type latches. Latching is controlled by Latch
Enable (LEN), while the Master Reset input resets the latches. A
post−latch logic enable is also provided (ENECL), allowing control of
the output state without destroying latch data. All control inputs are
ECL level.
The 10H version is compatible with MECL 10H
t ECL logic levels.
The 100H version is compatible with 100K levels.
Features
9−Bit Ideal for Byte−Parity Applications
Flow−Through Configuration
Extra TTL and ECL Power/Ground Pins to Minimize
Switching Noise
Dual Supply
3.5 ns Max D to Q
PNP TTL Inputs for Low Loading
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxH602G
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10H602FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
More results

Similar Description - MC10H602FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
[Old version datasheet]   DP8481 TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com