Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10H131 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC10H131
Description  Dual D Type Master−Slave Flip−Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H131 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H131_06 Datasheet HTML 1Page - ON Semiconductor MC10H131_06 Datasheet HTML 2Page - ON Semiconductor MC10H131_06 Datasheet HTML 3Page - ON Semiconductor MC10H131_06 Datasheet HTML 4Page - ON Semiconductor MC10H131_06 Datasheet HTML 5Page - ON Semiconductor MC10H131_06 Datasheet HTML 6Page - ON Semiconductor MC10H131_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H131
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
62
56
62
mA
IinH
Input Current High
Pins 6, 11
Pin 9
Pins 7, 10
Pins 4, 5, 12, 13
530
660
485
790
310
390
285
465
310
390
285
465
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
Table 5. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Clock, CE
Set, Reset
0.8
0.6
1.6
1.6
0.8
0.7
1.7
1.7
0.8
0.7
1.8
1.8
ns
tr
Rise Time
0.6
2.0
0.6
2.0
0.6
2.2
ns
tf
Fall Time
0.6
2.0
0.6
2.0
0.6
2.2
ns
tset
Set−up Time
0.7
0.7
0.7
ns
thold
Hold Time
0.8
0.8
0.8
ns
ftog
Toggle Frequency
250
250
250
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
APPLICATION INFORMATION
The MC10H131 is a dual master−slave type D flip−flop.
Asynchronous Set (S) and Reset (R) override Clock (CC)
and Clock Enable (CE) inputs. Each flip−flop may be
clocked separately by holding the common clock in the new
low state and using the enable inputs for the clocking
function. If the common clock is to be used to clock the
flip−flop, the Clock Enable inputs must be in the low state.
In this case, the enable inputs perform the function of
controlling the common clock.
The output states of the flip−flop change on the positive
transition of the clock. A change in the information present
at the data (D) input will not affect the output information at
any other time due to master slave construction.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn