Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLP1N06CL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MLP1N06CL
Description  SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLP1N06CL Datasheet(HTML) 6 Page - ON Semiconductor

  MLP1N06CL Datasheet HTML 1Page - ON Semiconductor MLP1N06CL Datasheet HTML 2Page - ON Semiconductor MLP1N06CL Datasheet HTML 3Page - ON Semiconductor MLP1N06CL Datasheet HTML 4Page - ON Semiconductor MLP1N06CL Datasheet HTML 5Page - ON Semiconductor MLP1N06CL Datasheet HTML 6Page - ON Semiconductor MLP1N06CL Datasheet HTML 7Page - ON Semiconductor MLP1N06CL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MLP1N06CL
http://onsemi.com
6
PULSE GENERATOR
VDD
Vout
Vin
Rgen
50 Ω
z = 50 Ω
50Ω
DUT
RL
Figure 10. Switching Test Circuit
toff
OUTPUT, Vout
INVERTED
ton
tr
td(off)
tf
td(on)
90%
90%
10%
INPUT, Vin
10%
50%
90%
50%
PULSE WIDTH
Figure 11. Switching Waveforms
ACTIVE CLAMPING
SMARTDISCRETES technology can provide on–chip
realization of the popular gate–to–source and gate–to–drain
Zener diode clamp elements. Until recently, such features
have been implemented only with discrete components
which consume board space and add system cost. The
SMARTDISCRETES technology approach economically
melds these features and the power chip with only a slight
increase in chip area.
In practice, back–to–back diode elements are formed in a
polysilicon region monolithicly integrated with, but
electrically isolated from, the main device structure. Each
back–to–back diode element provides a temperature
compensated voltage element of about 7.2 volts. As the
polysilicon region is formed on top of silicon dioxide, the
diode elements are free from direct interaction with the
conduction regions of the power device, thus eliminating
parasitic electrical effects while maintaining excellent
thermal coupling.
To achieve high gate–to–drain clamp voltages, several
voltage elements are strung together; the MLP1N06CL uses
8 such elements. Customarily, two voltage elements are used
to provide a 14.4 volt gate–to–source voltage clamp. For the
MLP1N06CL, the integrated gate–to–source voltage
elements provide greater than 2.0 kV electrostatic voltage
protection.
The avalanche voltage of the gate–to–drain voltage clamp
is set less than that of the power MOSFET device. As soon
as the drain–to–source voltage exceeds this avalanche
voltage, the resulting gate–to–drain Zener current builds a
gate voltage across the gate–to–source impedance, turning
on the power device which then conducts the current. Since
virtually all of the current is carried by the power device, the
gate–to–drain voltage clamp element may be small in size.
This technique of establishing a temperature compensated
drain–to–source sustaining voltage (Figure 7) effectively
removes the possibility of drain–to–source avalanche in the
power device.
The gate–to–drain voltage clamp technique is particularly
useful for snubbing loads where the inductive energy would
otherwise avalanche the power device. An improvement in
ruggedness of at least four times has been observed when
inductive energy is dissipated in the gate–to–drain clamped
conduction mode rather than in the more stressful
gate–to–source avalanche mode.
TYPICAL APPLICATIONS: INJECTOR DRIVER, SOLENOIDS, LAMPS, RELAY COILS
The MLP1N06CL has been designed to allow direct
interface to the output of a microcontrol unit to control an
isolated load. No additional series gate resistance is
required,
but
a
40 k
Ω gate pulldown resistor is
recommended to avoid a floating gate condition in the event
of an MCU failure. The internal clamps allow the device to
be used without any external transistent suppressing
components.
VDD
VBAT
MLP1N06CL
G
D
S
MCU


Similar Part No. - MLP1N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLP1N06CL MOTOROLA-MLP1N06CL Datasheet
136Kb / 6P
   VOLTAGE CLAMPED CURRENT LIMITING MOSFET
More results

Similar Description - MLP1N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MLD1N06CL ONSEMI-MLD1N06CL Datasheet
78Kb / 7P
   SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 3
MLD2N06CL ONSEMI-MLD2N06CL Datasheet
79Kb / 7P
   SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLP2N06CL ONSEMI-MLP2N06CL Datasheet
80Kb / 7P
   SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
January, 2006 ??Rev. 2
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
logo
ON Semiconductor
MTP50P03HDL ONSEMI-MTP50P03HDL Datasheet
91Kb / 8P
   Power MOSFET 50 Amps, 30 Volts, Logic Level P-Channel TO-220
July, 2006 ??Rev. 6
logo
NXP Semiconductors
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PH2625L PHILIPS-PH2625L Datasheet
100Kb / 13P
   N-channel TrenchMOS-TM logic level FET
Rev. 02-24 February 2005
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
Solid States Devices, I...
SFL024-5 SSDI-SFL024-5 Datasheet
214Kb / 2P
   10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
SFL044J SSDI-SFL044J Datasheet
75Kb / 2P
   30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com