Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H113FNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H113FNG
Description  Quad Exclusive OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H113FNG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H113FNG Datasheet HTML 1Page - ON Semiconductor MC10H113FNG Datasheet HTML 2Page - ON Semiconductor MC10H113FNG Datasheet HTML 3Page - ON Semiconductor MC10H113FNG Datasheet HTML 4Page - ON Semiconductor MC10H113FNG Datasheet HTML 5Page - ON Semiconductor MC10H113FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H113
http://onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Data
Enable
0.4
0.5
1.7
2.3
0.4
0.5
1.8
2.4
0.5
0.6
1.9
2.5
ns
tr
Rise Time
0.5
1.8
0.6
1.9
0.6
2.0
ns
tf
Fall Time
0.5
1.8
0.6
1.9
0.6
2.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H113FN
PLLC−20
46 Units / Rail
MC10H113FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H113FNR2
PLLC−20
500 / Tape & Reel
MC10H113FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H113L
CDIP−16
25 Unit / Rail
MC10H113M
SOEIAJ−16
50 Unit / Rail
MC10H113MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H113MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H113MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H113P
PDIP−16
25 Unit / Rail
MC10H113PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H113FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H113 ONSEMI-MC10H113 Datasheet
96Kb / 3P
   Quad Exclusive OR Gate
REV 6
More results

Similar Description - MC10H113FNG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com