Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3V120 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MKP3V120
Description  Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP3V120 Datasheet(HTML) 4 Page - ON Semiconductor

  MKP3V120_06 Datasheet HTML 1Page - ON Semiconductor MKP3V120_06 Datasheet HTML 2Page - ON Semiconductor MKP3V120_06 Datasheet HTML 3Page - ON Semiconductor MKP3V120_06 Datasheet HTML 4Page - ON Semiconductor MKP3V120_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MKP3V120, MKP3V240
http://onsemi.com
4
THERMAL CHARACTERISTICS
Figure 5. Thermal Response
t, TIME (ms)
10
0.03
0.02
0.01
5.0
0.2
0.5
1.0
2.0
0.05
0.1
0.2
0.3
0.5
1.0
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
The temperature of the lead should be
measured using a thermocouple placed on the
lead as close as possible to the tie point. The
thermal mass connected to the tie point is
normally large enough so that it will not
significantly respond to heat surges generated
in the diode as a result of pulsed operation
once steady−state conditions are achieved.
Using the measured value of TL, the junction
temperature may be determined by:
TJ = TL + DTJL
20 k
LEAD LENGTH = 1/4
ZqJL(t) = RqJL • r(t)
DTJL = Ppk RqJL[r(t)]
where:
DTJL = the increase in junction temperature above the
lead temperature
r(t) = normalized value of transient thermal resistance at
time, t from this figure. For example,
r(tp) = normalized value of
transient resistance at time tp.
TIME
tp
TYPICAL CHARACTERISTICS
Figure 6. Typical Breakover Current
Figure 7. Typical Holding Current
TJ, JUNCTION TEMPERATURE (°C)
−60
50
0
−40
−20
100
140
25
75
100
TJ, JUNCTION TEMPERATURE (°C)
100
−60
10
0
40
−40
−20
0
20
100
125
80
60
120
140
120
80
060
40
20
20
30
40
50
60
70
80
90
150
175
200
225
250


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn