Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1V120RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MKP1V120RL
Description  Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP1V120RL Datasheet(HTML) 1 Page - ON Semiconductor

  MKP1V120RL Datasheet HTML 1Page - ON Semiconductor MKP1V120RL Datasheet HTML 2Page - ON Semiconductor MKP1V120RL Datasheet HTML 3Page - ON Semiconductor MKP1V120RL Datasheet HTML 4Page - ON Semiconductor MKP1V120RL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MKP1V120/D
MKP1V120 Series
Preferred Device
Sidac High Voltage
Bidirectional Triggers
Bidirectional devices designed for direct interface with the ac power
line. Upon reaching the breakover voltage in each direction, the device
switches from a blocking state to a low voltage on−state. Conduction
will continue like a Triac until the main terminal current drops below
the holding current. The plastic axial lead package provides high pulse
current capability at low cost. Glass passivation insures reliable
operation.
Features
High Pressure Sodium Vapor Lighting
Strobes and Flashers
Ignitors
High Voltage Regulators
Pulse Generators
Used to Trigger Gates of SCR’s and Triacs
Indicates UL Registered — File #E116110
These are Pb−Free Devices*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage
(Sine Wave, 50 to 60 Hz, TJ = − 40 to 125°C)
MKP1V120, MKP1V130, MKP1V160
MKP1V240
VDRM,
VRRM
"90
"180
V
On-State Current RMS (TL = 80°C,
Lead Length = 3/8
″, All Conduction Angles)
IT(RMS)
"0.9
A
Peak Non−repetitive Surge Current
(60 Hz One Cycle Sine Wave, TJ = 125°C)
ITSM
"4.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Lead
Lead Length = 3/8
RqJL
40
°C/W
Lead Solder Temperature
(Lead Length
w 1/16″ from Case, 10 s Max)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SIDACS
0.9 AMPERES RMS
120 − 240 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MT1
MT2
()
http://onsemi.com
AXIAL LEAD
CASE 59
STYLE 2
MARKING DIAGRAM
A
= Assembly Location
MKP1Vxx0 = Device Number
x= 12, 13, 16 or 24
YY
= Year
WW
= Work Week
G
= Pb−Free Package
A
MKP
1Vxx0
YYWW
G
G
(Note: Microdot may be in either location)
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - MKP1V120RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
More results

Similar Description - MKP1V120RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V120 ONSEMI-MKP3V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
February, 2006??Rev. 4
MKP3V120 ONSEMI-MKP3V120 Datasheet
86Kb / 8P
   Sidac High Voltage Bidirectional Triggers
May, 2000 ??Rev. 3
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
   Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
logo
Motorola, Inc
MKP1V120 MOTOROLA-MKP1V120 Datasheet
85Kb / 4P
   SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
MAC4DHM MOTOROLA-MAC4DHM Datasheet
131Kb / 6P
   TRIACS 4.0 AMPERES RMS 600 VOLTS
MAC224 MOTOROLA-MAC224 Datasheet
56Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
NTE Electronics
NTE6415 NTE-NTE6415 Datasheet
17Kb / 2P
   Bidirectional Thyristor Diodes (SIDAC)
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com