Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H600 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H600
Description  9?묪it TTL to ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H600 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H600_06 Datasheet HTML 1Page - ON Semiconductor MC10H600_06 Datasheet HTML 2Page - ON Semiconductor MC10H600_06 Datasheet HTML 3Page - ON Semiconductor MC10H600_06 Datasheet HTML 4Page - ON Semiconductor MC10H600_06 Datasheet HTML 5Page - ON Semiconductor MC10H600_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H600, MC100H600
http://onsemi.com
3
Table 4. 10H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5%
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
IINH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1170
−1950
−840
−1480
−1130
−1950
−810
−1480
−1070
−1950
−735
−1450
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
50 W to −2.0 V
−1020
−1950
−840
−1630
−980
−1950
−810
−1630
−920
−1950
−735
−1600
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. 100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −4.2 V to −5.5 V
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
IINH
IIL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
50 W to −2.0 V
−1025
−1810
−880
−1620
−1025
−1810
−880
−1620
−1025
−1810
−880
−1620
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H); VEE = −4.2 V to −5.5 V (100H)
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
V
IIH
Input HIGH Current
VIN = 2.7 V
VIN = 7.0 V
20
100
20
100
20
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
−0.6
−0.6
mA
VIK
Input Clamp Voltage
IIN = −18 mA
−1.2
−1.2
−1.2
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H600_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H600FN ONSEMI-MC10H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
More results

Similar Description - MC10H600_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com