Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT20MNR4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EPT20MNR4G
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT20MNR4G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EPT20MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EPT20MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 9
1
Publication Order Number:
MC10EPT20/D
MC10EPT20, MC100EPT20
3.3VLVTTL/LVCMOS to
Differential LVPECL
Translator
The MC10EPT20 is a 3.3 V TTL/CMOS to differential PECL
translator. Because PECL (Positive ECL) levels are used, only +3.3 V
and ground are required. The small outline SOIC−8 package and the
single gate of the EPT20 makes it ideal for those applications where
space, performance, and low power are at a premium.
The 100 Series contains temperature compensation.
Features
390 ps Typical Propagation Delay
Maximum Input Clock Frequency > 1 GHz Typical
Operating Range VCC = 3.0 V to 3.6 V
with GND = 0 V
PNP TTL Input for Minimal Loading
Q Output will Default HIGH with Input Open
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
5W = MC10
3Q = MC100
M
= Date Code
MARKING DIAGRAMS*
ALYWG
G
HA20
ALYWG
G
KA20
SO−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
1
8
*For additional marking information, refer to
Application Note AND8002/D.
1
8
HPT20
ALYW
G
1
8
KPT20
ALYW
G
1
8
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


Similar Part No. - MC100EPT20MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT20MNR4G ONSEMI-MC100EPT20MNR4G Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
More results

Similar Description - MC100EPT20MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com