Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJH11017 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJH11017
Description  15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH11017 Datasheet(HTML) 4 Page - ON Semiconductor

  MJH11017_06 Datasheet HTML 1Page - ON Semiconductor MJH11017_06 Datasheet HTML 2Page - ON Semiconductor MJH11017_06 Datasheet HTML 3Page - ON Semiconductor MJH11017_06 Datasheet HTML 4Page - ON Semiconductor MJH11017_06 Datasheet HTML 5Page - ON Semiconductor MJH11017_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJH11017, MJH11019, MJH11021 (PNP) MJH11018, MJH11020, MJH11022 (NPN)
http://onsemi.com
4
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
20
30
140
60
180
100
10
20
260
220
0
Figure 5. Maximum Rated Reverse Bias
Safe Operating Area (RBSOA)
L = 200 mH
IC/IB1 ≥ 50
TC = 100°C
VBE(off) = 0−5.0 V
RBE = 47 W
DUTY CYCLE = 10%
0
MJH11017, MJH11018
MJH11019, MJH11020
MJH11021, MJH11022
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current conditions during
reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 5 gives RBSOA characteristics.
TC = 150°C
000
000
000
000
000
000
PNP
NPN
Figure 6. DC Current Gain
0.2
15
3.0
1.0
0.5
5.0
10
0.3
TC = 150°C
25°C
−55 °C
VCE = 5.0 V
IC, COLLECTOR CURRENT (AMPS)
00
IC, COLLECTOR CURRENT (AMPS)
PNP
NPN
500
200
0.7
1000
2000
5000
10,000
0.2
15
3.0
1.0
0.5
5.0
10
0.3
7.0
25°C
−55 °C
VCE = 5.0 V
100
500
200
0.7


Similar Part No. - MJH11017_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH11017G ONSEMI-MJH11017G Datasheet
100Kb / 8P
   Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
MJH11017 ONSEMI-MJH11017_16 Datasheet
100Kb / 8P
   Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
More results

Similar Description - MJH11017_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com