Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP451FAR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EP451FAR2
Description  3.3V / 5V ECL 6?묪it Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP451FAR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EP451FAR2 Datasheet HTML 1Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 2Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 3Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 4Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 5Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 6Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 7Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 8Page - ON Semiconductor MC100EP451FAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
2
Q1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
Q1
Q2
Q2
VCC
Q3
Q3
VCC
D1
D2
D2
MR
VEE
D3
D3
D4
Q0
Q0
VCC
CLK
CLK
D0
D1
Q4
Q4
VEE
Q5
Q5
D5
D4
D5
D0
PIN
D [0:5]*, D [0:5]*
ECL Differential Data Inputs
FUNCTION
MR*
CLK*, CLK*
ECL Differential Clock Inputs
ECL Master Reset Input
ECL Differential Data Outputs
VCC
Positive Supply
VEE
Negative Supply
Figure 1. LQFP−32 Pinout (Top View)
Warning: All VCC and VEE pins must be externally connected to Power
Supply to guarantee proper operation.
Q [0:5], Q [0:5]
D
Q
R
D
Q
R
D
Q
R
D
Q
R
D
Q
R
D
Q
R
MR
CLK
CLK
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
MC10EP451
MC100EP451
* Pins will default LOW when left open.
VEE
Table 1. PIN DESCRIPTION
The Exposed Pad (EP) on the
QFN−32 package bottom is
thermally connected to the die
for improved heat transfer out
of package. The exposed pad
must be attached to a heat−
sinking conduit. The pad is
electrically connected to VEE.
EP for QFN−32,
only
Q1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Q1
Q2
Q2 VCC Q3 Q3 VCC
D1
D2
D2
MR VEE D3
D3
D4
Q0
CLK
D1
Q4
Q4
VEE
Q5
Q5
D5
D4
D5
D0
CLK
VCC
Q0
Figure 2. QFN−32 Pinout (Top View)
Figure 3. Logic Diagram
D0
MC10EP451
MC100EP451


Similar Part No. - MC100EP451FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP451FAR2 ONSEMI-MC100EP451FAR2 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC100EP451FAR2G ONSEMI-MC100EP451FAR2G Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
More results

Similar Description - MC100EP451FAR2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com