Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15031 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE15031
Description  8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15031 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE15031 Datasheet HTML 1Page - ON Semiconductor MJE15031 Datasheet HTML 2Page - ON Semiconductor MJE15031 Datasheet HTML 3Page - ON Semiconductor MJE15031 Datasheet HTML 4Page - ON Semiconductor MJE15031 Datasheet HTML 5Page - ON Semiconductor MJE15031 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE15028, MJE15030 (NPN) MJE15029, MJE15031 (PNP)
http://onsemi.com
3
t, TIME (ms)
0.01
0.01
0.05
1.0
2.0
5.0
10
20
50
500
1.0 k
0.1
0.5
0.2
1.0
0.2
0.1
0.05
ZqJC(t) = r(t) RqJC
RqJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 2. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.02
100
200
0.1
0.02
0.01
20
2.0
Figure 3. Forward Bias Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
16
10
0.02
20
120
BONDING WIRE LIMITED
THERMALLY LIMITED
SECOND BREAKDOWN
LIMITED @ TC = 25°C
dc
100 ms
5.0
10
150
1.0
50
0.1
5ms
MJE15028
MJE15029
MJE15030
MJE15031
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation then the curves indicate.
The data of Figures 3 and 4 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 2.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
8.0
0
Figure 4. Reverse−Bias Switching
Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
0
120
140
5 V
VBE(off) = 9 V
100
110
150
3.0
130
2.0
1.0
VR, REVERSE VOLTAGE (VOLTS)
10
150
500
1000
50
Figure 5. Capacitances
200
100
30
10
7.0
5.0
1.5
3.0
20
50
IC/IB = 10
TC = 25°C
3 V
1.5 V
Cib (NPN)
Cob (PNP)
100
30
0 V
Cib (PNP)
Cob (NPN)


Similar Part No. - MJE15031

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15031 MOSPEC-MJE15031 Datasheet
208Kb / 4P
   POWER TRANSISTORS(8.0A,120-150V,50W)
logo
Foshan Blue Rocket Elec...
MJE15031 FOSHAN-MJE15031 Datasheet
966Kb / 6P
   Silicon PNP transistor in a TO-220 Plastic Package.
logo
Motorola, Inc
MJE15031 MOTOROLA-MJE15031 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
Powerex Power Semicondu...
MJE15031 POWEREX-MJE15031 Datasheet
263Kb / 7P
   Gate Driver
logo
ON Semiconductor
MJE15031 ONSEMI-MJE15031 Datasheet
217Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
More results

Similar Description - MJE15031

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
2N6107 ONSEMI-2N6107_11 Datasheet
117Kb / 5P
   7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com